Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1216AP133G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1216AP133G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216AP133G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1216AP133G Datasheet HTML 4Page - ON Semiconductor NCP1216AP133G Datasheet HTML 5Page - ON Semiconductor NCP1216AP133G Datasheet HTML 6Page - ON Semiconductor NCP1216AP133G Datasheet HTML 7Page - ON Semiconductor NCP1216AP133G Datasheet HTML 8Page - ON Semiconductor NCP1216AP133G Datasheet HTML 9Page - ON Semiconductor NCP1216AP133G Datasheet HTML 10Page - ON Semiconductor NCP1216AP133G Datasheet HTML 11Page - ON Semiconductor NCP1216AP133G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
8
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
−25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 15. NCP1216A Max Duty−Cycle vs.
Temperature
2
4
6
8
10
12
14
−25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 16. Vramp vs. Temperature
Figure 17. High Voltage Current Source
(@ VCC = 10 V) vs. Temperature
45.0
45.5
46.0
46.5
47.0
48.5
49.0
−25
0
25
50
75
100
125
TEMPERATURE (°C)
47.5
48.0


Similar Part No. - NCP1216AP133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216AP133G ONSEMI-NCP1216AP133G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP133G ONSEMI-NCP1216AP133G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216AP133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com