Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2500S Datasheet(PDF) 6 Page - Littelfuse

Part # K2500S
Description  High-voltage lamp ignitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2500S Datasheet(HTML) 6 Page - Littelfuse

  K2500S Datasheet HTML 1Page - Littelfuse K2500S Datasheet HTML 2Page - Littelfuse K2500S Datasheet HTML 3Page - Littelfuse K2500S Datasheet HTML 4Page - Littelfuse K2500S Datasheet HTML 5Page - Littelfuse K2500S Datasheet HTML 6Page - Littelfuse K2500S Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
http://www.littelfuse.com
E9 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Sidac
Data Sheets
Figure E9.15 Relaxation Oscillator Using a Sidac
Figure E9.16 Sidac Added to Protect Transistor for Typical Transistor Inductive Load Switching Requirements
Figure E9.17 Typical Metal Halide Ignitor Circuit
V
DC(IN) ≥
V
B0
V
C
I
L
R
L
R
SIDAC
(a) Circuit
R
max ≤
V
IN
- V
BO
I
BO
R
min ≥
V
IN
- V
TM
I
H (MIN)
(b) Waveforms
V
BO
V
C
I
L
t
t
C
VCE Monitor
100 mH
IC Monitor
+
-
RS = 0.1 Ω
Test Circuit
VBB1 =10 V
+
-
VBB2 =0
RBB2 =
100
RBB1 =
150
2N6127
(or equivalent)
50
50
Input
(See Note B)
TIP-47
VCC = 20 V
Voltage and Current Waveforms
Input
Voltage
0 V
5 V
0.63 A
0
Sidac VBO
10 V
VCE(sat)
tw ≈ 3 ms
(See Note A)
Collector
Current
Collector
Voltage
100 ms
tw
Note A: Input pulse width is increased until ICM = 0.63 A.
Note B: Sidac (or Diac or series of Diacs) chosen so that VBO is just below VCEO rating of transistor to be protected.
The Sidac (or Diac) eliminates a reverse breakdown of the transistor in inductive switching circuits where otherwise the
transistor could be destroyed.
Ballast
K2401F1
220 V / 240 V
50 / 60 Hz
Metal
Halide
Lamp
H.V.
Step-up
Transformer
0.1 – 0.15 µF
0.22 – 0.33µF
5 – 6µH
5.6K – 8.2K
5W


Similar Part No. - K2500S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2500S TECCOR-K2500S Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2500S TECCOR-K2500S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2500S1URP LITTELFUSE-K2500S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K2500S70AP LITTELFUSE-K2500S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2500S70RP LITTELFUSE-K2500S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2500S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K0900 LEIDITECH-K0900 Datasheet
644Kb / 6P
   High voltage lamp ignitors
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com