Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA14 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPSA14
Description  Darlington Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA14 Datasheet(HTML) 4 Page - Motorola, Inc

  MPSA14 Datasheet HTML 1Page - Motorola, Inc MPSA14 Datasheet HTML 2Page - Motorola, Inc MPSA14 Datasheet HTML 3Page - Motorola, Inc MPSA14 Datasheet HTML 4Page - Motorola, Inc MPSA14 Datasheet HTML 5Page - Motorola, Inc MPSA14 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPSA13 MPSA14
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
SMALL–SIGNAL CHARACTERISTICS
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (µA)
2.0
200 k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25°C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25°C
100 k
70 k
50 k
30 k
20 k
10 k
7.0 k
5.0 k
3.0 k
2.0 k
7.0
10
20
30
50 70
100
200 300
500
TJ = 125°C
25
°C
– 55
°C
VCE = 5.0 V
0.1 0.2
0.5 1.0 2.0
5.0
10
20
50
100 200
500 1000
TJ = 25°C
IC = 10 mA
50 mA
250 mA
500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
– 1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20
30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25°C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
– 2.0
– 3.0
– 4.0
– 5.0
– 6.0
5.0 7.0 10
20
30
50
70 100
200 300
500
25
°C TO 125°C
– 55
°C TO 25°C
*RqVC FOR VCE(sat)
qVB FOR VBE
25
°C TO 125°C
– 55
°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0


Similar Part No. - MPSA14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA14 ONSEMI-MPSA14 Datasheet
72Kb / 6P
   Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
SEMTECH ELECTRONICS LTD...
MPSA14 SEMTECH_ELEC-MPSA14 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Inchange Semiconductor ...
MPSA14 ISC-MPSA14 Datasheet
241Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
NXP Semiconductors
MPSA14 PHILIPS-MPSA14 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 27
logo
Daya Electric Group Co....
MPSA14 DAYA-MPSA14 Datasheet
590Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - MPSA14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
   Darlington Transistors
logo
First Silicon Co., Ltd
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
   Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
   Darlington Transistors
February, 2001 ??Rev.1
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
   Darlington Transistors
March, 2001 ??Rev. 1
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
   Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
   Darlington Transistors
August, 2009 ??Rev. 4
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
   Darlington Transistors
logo
First Silicon Co., Ltd
MMBT6427 FS-MMBT6427 Datasheet
283Kb / 6P
   Darlington Transistors
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
   Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com