Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3110BLA120R Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM3110BLA120R
Description  1.5A Low Dropout Voltage CMOS Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110BLA120R Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM3110BLA120R Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 9Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 10Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 11Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 12Page - Power Analog Micoelectronics PAM3110BLA120R Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Outline Dimension
SOT-223
11
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM3110
Dimensions Millimeter
(
)
Symbol
MIN
NOM
MAX
A
6 70
7 00
7 30
.
.
.
C
2 90
3 00
3 10
.
.
.
D
0 02
0 06
0 10
.
.
.
E
10°
I
0 60
0 70
0 80
.
.
.
H
0 25
0 30
0 35
.
.
.
B
13°TYP
J
1
6 30
6 50
6 70
.
.
.
2
6 30
6 50
6 70
.
.
.
3
3 30
3 50
3 70
.
.
.
4
3 30
3 50
3 70
.
.
.
5
1 40
1 60
1 80
.
.
.
3
4
E
C
l
J
1
2
2.30REF
1.5A Low Dropout Voltage CMOS Regulator
06/2011 Rev2.2


Similar Part No. - PAM3110BLA120R

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112AAA120 PAM-PAM3112AAA120 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112AAA130 PAM-PAM3112AAA130 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112ACA120 PAM-PAM3112ACA120 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112ACA130 PAM-PAM3112ACA130 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
More results

Similar Description - PAM3110BLA120R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com