Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3101AAA150 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3101AAA150
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101AAA150 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3101AAA150 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101AAA150 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Pin Descriptions
Name
Function
VIN
Input
GND
Ground
VOUT
Output
EN
Chip Enable (active high)
PAM3101BABXXX----EN default floating
Other part no----EN default pull high
BYP
Bypass Pin, need a 10nF capacitor connect to GND
NC
No Connection
3
Power Analog Microelectronics, Inc
www.poweranalog.com
Pin Configuration Available
Pin
1
2
3
4
5
6
GND
VOUT
VIN
VIN
VOUT
GND
SOT23-3
VOUT
GND
VIN
GND
VIN
VOUT
SOT89-3
VOUT
GND
VIN
VIN
GND
EN
BYP
VOUT
SOT23-5
VIN
GND
EN
NC
VOUT
SOT89-5
VOUT
GND
NC
EN
VIN
SC70-3L
VIN
VOUT
GND
SC70-4L
EN
GND
VOUT
VIN
SC70-5L
VIN
GND
EN
BYP
VOUT
DFN1.6x1.6-6L
EN
NC
VIN
VOUT
NC
GND
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5


Similar Part No. - PAM3101AAA150

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3101AAA150

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com