Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8404ZER Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8404ZER
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404ZER Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8404ZER Datasheet HTML 1Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 2Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 3Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 4Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 5Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 6Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 7Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 8Page - Power Analog Micoelectronics PAM8404ZER Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
Applications
n
n
3W Output at 10% THD with a 4
Load and
5V Supply
Supply Voltage from 2.5V to 5.5 V
Efficiency Up to 89%
Superior Low Noise without Input
Few External Components to Save the Space
and Cost
Short Circuit Protection
Thermal Shutdown
Space Saving Packages :
2mmX2mm WCSP
4mm X 4mm Thin QFN
LCD Monitor / TV Projector
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
Cellular Phones/Speaker Phones
QFN
(WCSP)
PAM8404
PAM8404
PAM8404
A-weighted
and
WCSP 2mmx2mm
Ω
n
n
n
n
n
n
Description
The PAM8404 is a 3W high efficiency filterless
class-D audio amplifier in 4mmX4mm
and
2mmX2mm wafer chip scale
packages
that requires few external components.
Features like 89% efficiency, -63dB PSRR,
improved RF-rectification immunity, and very
small PCB area make the
class-D
amplifier ideal for cellular handset and PDA
applications.
In cellular handsets, the earpiece, speaker phone,
and melody ringer can each be driven by the
. The
allows independent gain
by summing signals from seperate sources, and
has as low as 43 V
noise floor.
PAM8404 is available in QFN 4mmx4mm
packages.
μ
n
n
n
n
n
n Pb-Free Packages
Typical Application Circuit
1
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
03/2009 Rev 1.1
FCC Class B Limit
Radiated Emissions
AGND
SDL
SDR
INL-
INL+
INR-
INR+
G0
G1
AVDD
PVDD
PGND
PAM8404
OUTL-
OUTL+
OUTR-
OUTR+
0.22μF
0.22μF
0.22μF
0.22μF
INR+
INR-
INL+
INL-
OFF
ON
ON
OFF
10μF
1μF
VDD
1μF
10μF
G1
G0
VDD


Similar Part No. - PAM8404ZER

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8404ZER DIODES-PAM8404ZER Datasheet
707Kb / 18P
   3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
More results

Similar Description - PAM8404ZER

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8404 DIODES-PAM8404 Datasheet
707Kb / 18P
   3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
   3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8004 PAM-PAM8004 Datasheet
195Kb / 11P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC8403B FUMAN-TC8403B Datasheet
364Kb / 9P
   3W Filterless Class D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com