Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPNA135A Datasheet(PDF) 8 Page - Texas Instruments

Part # SPNA135A
Description  Compatibility Considerations: TMS570LS20x/10x to TMS570LS31x/21x
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SPNA135A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SPNA135A Datasheet HTML 4Page - Texas Instruments SPNA135A Datasheet HTML 5Page - Texas Instruments SPNA135A Datasheet HTML 6Page - Texas Instruments SPNA135A Datasheet HTML 7Page - Texas Instruments SPNA135A Datasheet HTML 8Page - Texas Instruments SPNA135A Datasheet HTML 9Page - Texas Instruments SPNA135A Datasheet HTML 10Page - Texas Instruments SPNA135A Datasheet HTML 11Page - Texas Instruments SPNA135A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Package Differences
www.ti.com
Table 2. LS31x/21x and LS20x/10x Ball-Map Differences (continued)
337 BGA Ball# for
337 BGA Ball# for
Signal Name
LS20x/10x
LS31x/21x
EMIF_nCS[5] (asynchronous chip select)
N17
EMIF_nCS[0] (SDRAM chip select)
N17
RAM Trace Port (RTP) Differences
RTPDATA[0]
V11
NC
RTPDATA[1]
U11
NC
RTPDATA[2]
T10
NC
RTPDATA[3]
U10
NC
RTPDATA[4]
T9
NC
RTPDATA[5]
U9
NC
RTPDATA[6]
U8
NC
RTPDATA[7]
U7
NC
RTPDATA[8]
U6
NC
RTPDATA[9]
U5
NC
RTPDATA[10]
U4
NC
RTPDATA[11]
T4
NC
RTPDATA[12]
V3
NC
RTPDATA[13]
U3
NC
RTPDATA[14]
T3
NC
RTPDATA[15]
T2
NC
RTPnENA
U12
NC
RTPSYNC
T11
NC
RTPCLK
W11
NC
Local Interconnect Network (LIN) Interface Differences
LIN1 TX
V12
NC
LIN1 RX
W12
NC
LIN2 TX
B7
B7
LIN2 RX
A7
A7
Important Note: The control and status registers for the LIN module on LS31x/21x are mapped to the same location as the
LIN1 module on LS20x/10x.
Standard Serial Peripheral Interface (SPI2) Differences
SPI2 CLK
NC
E2
SPI2 SIMO
NC
D1
SPI2 SOMI
NC
D2
SPI2 nCS[0]
NC
N3
SPI2 nENA
NC
D3
4.2.1
External Memory Interface (EMIF)
The EMIF on LS31x/21x supports interfacing to an external SDRAM in addition to asynchronous
memories. Therefore, the EMIF on the LS31x/21x microcontrollers has additional signals to interface to an
external SDRAM.
Also, some EMIF signals are multiplexed with Embedded Trace Macrocell (ETM) signals on the
LS31x/21x microcontrollers. As a result, the full EMIF port is not available at the same time as the full
ETM port. The LS20x/10x microcontrollers has no multiplexing between EMIF/ETM signals. This causes
an incompatibility in the ball mapping for the EMIF signals between LS31x/21x and LS20x/10x.
8
Compatibility Considerations: TMS570LS20x/10x to TMS570LS31x/21x
SPNA135A
– October 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - SPNA135A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA140 TI1-SPNA140 Datasheet
737Kb / 8P
[Old version datasheet]   Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
More results

Similar Description - SPNA135A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA140 TI1-SPNA140 Datasheet
737Kb / 8P
[Old version datasheet]   Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
logo
Silicon Laboratories
AN523 SILABS-AN523 Datasheet
972Kb / 6P
   OVERLAY CONSIDERATIONS
logo
Fairchild Semiconductor
AN4138 FAIRCHILD-AN4138 Datasheet
404Kb / 20P
   Design Considerations
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
   Language Compatibility
logo
TEKTRONIX, INC.
TPP0100 TEKTRONIX-TPP0100 Datasheet
189Kb / 4P
   Passive 10X Voltage Probe
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
Texas Instruments
TMDX570LS31HDK TI-TMDX570LS31HDK Datasheet
535Kb / 24P
[Old version datasheet]   TMS570LS31x Hercules Development Kit (HDK)
logo
Molex Electronics Ltd.
0638002810 MOLEX11-0638002810 Datasheet
26Kb / 1P
   Eye Loupe, 10X magnification
logo
ATMEL Corporation
AT7910E ATMEL-AT7910E Datasheet
289Kb / 19P
   SpW-10X SpaceWire Router
logo
Lineage Power Corporati...
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com