Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32671P4224 Datasheet(PDF) 7 Page - EPCOS

Part # B32671P4224
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671P4224 Datasheet(HTML) 7 Page - EPCOS

Back Button B32671P4224 Datasheet HTML 3Page - EPCOS B32671P4224 Datasheet HTML 4Page - EPCOS B32671P4224 Datasheet HTML 5Page - EPCOS B32671P4224 Datasheet HTML 6Page - EPCOS B32671P4224 Datasheet HTML 7Page - EPCOS B32671P4224 Datasheet HTML 8Page - EPCOS B32671P4224 Datasheet HTML 9Page - EPCOS B32671P4224 Datasheet HTML 10Page - EPCOS B32671P4224 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical data
Operating temperature
range
Max. operating temperature Top, max
Upper category temperature Tmax
Lower category temperature Tmin
Rated temperature TR
+125
°C
+110
°C
55
°C
+85
°C
Dissipation factor tan
δ
(in 10-3) at 20
°C
(upper limit values)
1 kHz
10 kHz
100 kHz
1.0
2.5
25.0
Insulation resistance Rins
at 100 V and 20
°C, rel.
humidity
≤ 65% (minimum
as-delivered values)
> 30 G
Ω (C
R
≤ 0.33 µF)
> 10000 s (CR > 0.33
µF)
DC test voltage
1.4
VR, 2 s
Category voltage VC
(continuous operation with
VDC or VAC at f
≤ 1 kHz)
For 85
°C < T
A the derating
is 1.28% per
°C
Top (
°C)
DC voltage derating
AC voltage derating
Top
≤ 85
85 < Top
≤ 100
100 < Top
≤ 110
110 < Top
≤ 125
VC = VR
VC = 0.81 VR
VC = 0.68 VR
VC = 0.5 VR
VC,RMS = VRMS
VC,RMS = 0.81 VRMS
VC,RMS = 0.68 VRMS
VC,RMS = 0.5 VRMS
Operating voltage Vop for
short operating periods
(VDC or VAC at f
≤ 1 kHz)
TA (
°C)
DC voltage (max. hours) AC voltage (max. hours)
TA
≤ 100
110 < TA
≤ 125
Vop = 1.1
× V
C (1000 h)
Vop = 1.0
× V
C (1000 h)
Vop = 1.0
× V
C,RMS (1000 h)
Vop = 1.0
× V
C,RMS (1000 h)
Reliability:
Failure rate
λ
Service life tSL
24 fit (
≤ 1 10-7/h) at 0.5 V
R, 40
°C
200000 h at 0.5
VR, 85
°C
For conversion to other operating conditions and temperatures, refer
to chapter "Quality, 2 Reliability"
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
of parameters
Capacitance change
∆C/C
Dissipation factor tan
δ
Insulation resistance Rins
Or time constant
τ
> 10%
> 4
× upper limit values
< 150 M
Ω (C
R
≤ 0.33 µF)
< 50 s (CR
≥ 0.33 µF)
B32671P ... B32673P
Power Factor Correction
Page 7 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671P4224

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32671P4224 TDK-B32671P4224 Datasheet
684Kb / 27P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32671P4224

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com