Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA56 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPSA56
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA56 Datasheet(HTML) 5 Page - Motorola, Inc

  MPSA56 Datasheet HTML 1Page - Motorola, Inc MPSA56 Datasheet HTML 2Page - Motorola, Inc MPSA56 Datasheet HTML 3Page - Motorola, Inc MPSA56 Datasheet HTML 4Page - Motorola, Inc MPSA56 Datasheet HTML 5Page - Motorola, Inc MPSA56 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NPN MPSA05 MPSA06 PNP MPSA55 MPSA56
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 14. MPSA05/06 Collector Saturation
Region
Figure 15. MPSA55/56 Collector Saturation
Region
Figure 16. MPSA05/06 Base–Emitter
Temperature Coefficient
Figure 17. MPSA55/56 Base–Emitter
Temperature Coefficient
100
500
0.5
IC, COLLECTOR CURRENT (mA)
–0.8
–1.2
–1.6
–2.0
–2.4
–2.8
IC, COLLECTOR CURRENT (mA)
0.1
10
0.05
IC, COLLECTOR CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
IB, BASE CURRENT (mA)
1.0
TJ = 25°C
NPN
PNP
10
RqVB for VBE
50
IC =
100 mA
IC =
50 mA
IC =
250 mA
IC =
500 mA
IC =
10 mA
1.0
2.0
5.0
20
50
200
20
2.0
5.0
0.2
0.5
–100
–500
–0.5
–0.8
–1.2
–1.6
–2.0
–2.4
–2.8
–10
RqVB for VBE
–1.0 –2.0
–5.0
–20
–50
–200
–0.1
–10
–0.05
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1.0
TJ = 25°C
–50
IC =
–100 mA
IC =
–50 mA
IC =
–250 mA
IC =
–500 mA
IC =
–10 mA
–20
–2.0
–5.0
–0.2
–0.5
Figure 18. MPSA05, MPSA06, MPSA55 and MPSA56 Thermal Response
t, TIME (ms)
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k
100 k
0.03
0.02
0.1
0.07
0.05
0.01
0.3
0.2
1.0
0.7
0.5
Z
θJC(t) = r(t) • RθJC
TJ(pk) – TC = P(pk) Z
θJC(t)
Z
θJA(t) = r(t) • RθJA
TJ(pk) – TA = P(pk) Z
θJA(t)
D CURVES APPLY FOR
POWER PULSE TRAIN
SHOWN READ TIME AT t1
(SEE AN469)
t1
t2
DUTY CYCLE, D = t1/t2
P(pk)
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
SINGLE PULSE
0.05


Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA56 ONSEMI-MPSA56 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
logo
Micro Commercial Compon...
MPSA56 MCC-MPSA56 Datasheet
573Kb / 4P
   PNP Silicon Amplifier Transistor
logo
Fairchild Semiconductor
MPSA56 FAIRCHILD-MPSA56 Datasheet
1Mb / 15P
   PNP General Purpose Amplifier
logo
SHENZHEN YONGERJIA INDU...
MPSA56 WINNERJOIN-MPSA56 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
MPSA56 PHILIPS-MPSA56 Datasheet
41Kb / 8P
   PNP general purpose transistor
1999 Apr 27
More results

Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com