Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5409IZAY Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5409IZAY
Description  Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5409IZAY Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5409IZAY Datasheet HTML 7Page - Texas Instruments ADS5409IZAY Datasheet HTML 8Page - Texas Instruments ADS5409IZAY Datasheet HTML 9Page - Texas Instruments ADS5409IZAY Datasheet HTML 10Page - Texas Instruments ADS5409IZAY Datasheet HTML 11Page - Texas Instruments ADS5409IZAY Datasheet HTML 12Page - Texas Instruments ADS5409IZAY Datasheet HTML 13Page - Texas Instruments ADS5409IZAY Datasheet HTML 14Page - Texas Instruments ADS5409IZAY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
Frequency (MHz)
SNR = 60.6dBFS
SFDR = 67dBc
THD = 67dBc
SINAD = 59.8dBFS
G000
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
Frequency (MHz)
SNR = 60.7dBFS
SFDR = 69dBc
THD = 69dBc
SINAD = 60.2dBFS
G000
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
Frequency (MHz)
SNR = 61.1dBFS
SFDR = 78dBc
THD = 78dBc
SINAD = 61.0dBFS
G000
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
Frequency (MHz)
SNR = 61.1dBFS
SFDR = 75dBc
THD = 77dBc
SINAD = 61.0dBFS
G000
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
Frequency (MHz)
SNR = 61.3dBFS
SFDR = 75dBc
THD = 72dBc
SINAD = 61.0dBFS
G000
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
Frequency (MHz)
SNR = 61.5dBFS
SFDR = 78dBc
THD = 78dBc
SINAD = 61.4dBFS
G000
ADS5409
www.ti.com
SLAS935 – MAY 2013
TYPICAL CHARACTERISTICS
Typical values at TA = +25°C, full temperature range is TMIN = -40°C to TMAX = +85°C, ADC sampling rate = 900Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, -1dBFS differential input, unless
otherwise noted.
FFT FOR 10 MHz INPUT SIGNAL (auto on)
FFT FOR 10 MHz INPUT SIGNAL (auto off)
Figure 4.
Figure 5.
FFT FOR 230 MHz INPUT SIGNAL (auto on)
FFT FOR 230 MHz INPUT SIGNAL (auto off)
Figure 6.
Figure 7.
FFT FOR 400 MHz INPUT SIGNAL (auto on)
FFT FOR 400 MHz INPUT SIGNAL (auto off)
Figure 8.
Figure 9.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS5409


Similar Part No. - ADS5409IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results

Similar Description - ADS5409IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com