Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-2A130 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # WL-2A130
Description  Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-2A130 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button WL-2A130 Datasheet HTML 6Page - Omron Electronics LLC WL-2A130 Datasheet HTML 7Page - Omron Electronics LLC WL-2A130 Datasheet HTML 8Page - Omron Electronics LLC WL-2A130 Datasheet HTML 9Page - Omron Electronics LLC WL-2A130 Datasheet HTML 10Page - Omron Electronics LLC WL-2A130 Datasheet HTML 11Page - Omron Electronics LLC WL-2A130 Datasheet HTML 12Page - Omron Electronics LLC WL-2A130 Datasheet HTML 13Page - Omron Electronics LLC WL-2A130 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
WL/WLM
WL
@@-@@ S @
(1)(2) (3)(4)
(5)
(1) Electrical Rating
Note: Dimensions are the same as the standard models.
(2) Actuator Type
(3) Built-in Switch Type
Note: Dimensions are the same as the standard models.
(4) Indicator Type
Note: Dimensions are the same for both LE and LD models.
(5) Wiring Specifications
*1. Models with pre-wired connectors and DC specifications are approved by
EN/IEC (CE marking) except for LE Models (Neon Lamp Models).
*2. With 0.3-m cable attached.
WLM
@ -LD @
(1) (2) (3)
(1) Actuator
(2) Indicator Type
(3) Wiring Specifications
* With 0.3-m cable attached.
Direct-wired Connector
Pre-wired Connector
WL
@@-@ LD @
(1) (2) (3) (4) (5)
General-purpose Switches
Sensor I/O Connector Switches
(1) Electrical Rating
Note: Dimensions are the same as the standard models.
(2) Actuator Type
(3) Built-in Switch Type
Note: Dimensions are the same as the standard models.
Blank
Standard load
01
Microload
CA2
Roller lever: Standard model
GCA2
Roller lever: High-precision model
H2
Roller lever: General-purpose
overtravel model
G2
Roller-lever: High-sensitivity over-
travel model
D2
Top-roller plunger
D28
Sealed top-roller plunger
Blank
Standard
55
Hermetically sealed
(4) Indicator Type
(5) Wiring Specifications
*1. Models with pre-wired connectors and DC specifications have EN/IEC approval (CE marking).
*2. With 0.3-m cable attached.
LD
LED, 10 to 115 VAC/DC
K13A
Direct-wired Connector (2-conductor: AC, NO wiring, connector pins No. 3, 4)
K13
Direct-wired Connector (2-conductor: DC, NO wiring, connector pins No. 3, 4)
K43A
Direct-wired Connector (4-conductor: AC)
K43
Direct-wired Connector (4-conductor: DC)
-M1J *
Pre-wired Connector *2 (2-conductor: DC, NO wiring, connector pins No. 3, 4)
-M1GJ *1
Pre-wired Connector *2 (2-conductor: DC, NO wiring, connector pins No. 1, 4)
-M1JB
Pre-wired Connector *2 (2-conductor: DC, NC wiring, connector pins No. 3, 2)
-AGJ03
Pre-wired Connector *2 (4-conductor, AC)
-DGJ03 *1
Pre-wired Connector *2 (4-conductor, DC)
-DK1EJ03 *1 Pre-wired Connector *2 (3-conductor: DC, NO wiring, connector pins No. 2, 3, 4)
Spatter-prevention Switches
Blank
Standard load
01
Microload
CA2
Roller lever: Standard model
GCA2
Roller lever: High-precision model
H2
Roller lever: General-purpose Overtravel model
G2
Roller lever: High-sensitivity Overtravel model
D28
Sealed top-roller plunger
Blank
Standard
55
Hermetically sealed
LD
LED, AC/DC
LE
Neon lamp
Blank
Screw terminal: G1/2 conduit
-M1J-1 *1
Pre-wired Connector *2
(2-conductor: DC, NO wiring, connector pins No. 3, 4)
-M1GJ-1 *1
Pre-wired Connector *2
(2-conductor: DC, NO wiring, connector pins No. 1, 4)
-DGJS03 *1 Pre-wired Connector *2 (4-conductor: DC)
Long-life Switches
CA2
Roller lever: Standard model
GCA2
Roller lever: High-precision model
H2
Roller lever: General-purpose overtravel model
G2
Roller lever: High-sensitivity overtravel model
LD
LED, 10 to 115 VAC/DC
Blank
Screw terminal: G1/2 conduit
K13A
Direct-wired Connector: 2-conductor, AC
K13
Direct-wired Connector: 2-conductor, DC
K43A
Direct-wired Connector: 4-conductor, AC
K43
Direct-wired Connector: 4-conductor, DC
-M1J
Pre-wired Connector: 2-conductor, DC *
-AGJ03
Pre-wired Connector: 4-conductor, AC *
-DGJ03
Pre-wired Connector: 4-conductor, DC *


Similar Part No. - WL-2A130

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
   Adjustable Flow Rate
logo
Omron Electronics LLC
WL-2H1100 OMRON-WL-2H1100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H1100-1 OMRON-WL-2H1100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100 OMRON-WL-2H2100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100-1 OMRON-WL-2H2100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
More results

Similar Description - WL-2A130

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com