Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-2A104 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # WL-2A104
Description  Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-2A104 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button WL-2A104 Datasheet HTML 7Page - Omron Electronics LLC WL-2A104 Datasheet HTML 8Page - Omron Electronics LLC WL-2A104 Datasheet HTML 9Page - Omron Electronics LLC WL-2A104 Datasheet HTML 10Page - Omron Electronics LLC WL-2A104 Datasheet HTML 11Page - Omron Electronics LLC WL-2A104 Datasheet HTML 12Page - Omron Electronics LLC WL-2A104 Datasheet HTML 13Page - Omron Electronics LLC WL-2A104 Datasheet HTML 14Page - Omron Electronics LLC WL-2A104 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
WL/WLM
Ordering Information
Lever
Plunger
Flexible Rod
General-purpose Switches
Actuator
Roller lever R38
Roller lever R50
Roller lever R63
Item
Model
Model
Model
Basic
Standard load WLCA2
WLCA2-7
WLCA2-8
Microload
WL01CA2
WL01CA2-7
WL01CA2-8
Overtravel
General-
purpose
Standard load WLH2
Microload
WL01H2
High-
sensitivity
Standard load WLG2
Microload
WL01G2
90
°
operation
Standard load WLCA2-2
Microload
WL01CA2-2
Standard load WLCA2-2N
Microload
WL01CA2-2N
——
High-precision
Standard load WLGCA2
Microload
WL01GCA2
Actuator Adjustable roller
lever
Adjustable rod lever
25 to 140mm
Adjustable rod lever
350 to 380mm
Rod spring lever
Item
Model
Model
Model
Model
Basic
Standard load WLCA12
WLCL
——
Microload
WL01CA12
WL01CL
——
Overtravel
General-
purpose
Standard load WLH12
WLHL
WLHAL4
WLHAL5
Microload
WL01H12
WL01HL
——
High-
sensitivity
Standard load WLG12
WLGL
——
Microload
WL01G12
WL01GL
——
90
°
operation
Standard load WLCA12-2
WLCL-2
——
Microload
WL01CA12-2
——
Standard load WLCA12-2N
WLCL-2N
——
Microload
WL01CA12-2N
WL01CL-2N
——
Actuator Fork lever lock (with
WL-5A100 plastic
roller lever)
Fork lever lock (with
WL-5A102 plastic
roller lever)
Fork lever lock (with
WL-5A104 plastic
roller lever)
Fork lever lock (with
WL-5A104 plastic
roller lever)
Item
Model
Model
Model
Model
Maintained
Standard load WLCA32-41
WLCA32-42
WLCA32-43
WLCA32-44
Microload
WL01CA32-41
WL01CA32-43
WL01CA32-44
Actuator
Top plunger
Top-roller plunger
Top-ball plunger
Sealed top-roller
plunger
Item
Model
Model
Model
Model
Top plunger
Standard load WLD
WLD2
WLD3
WLD28
Microload
WL01D
WL01D2
WL01D3
WL01D28
Actuator
Horizontal plunger
Horizontal-roller
plunger
Horizontal-ball
plunger
Item
Model
Model
Model
Side plunger
Standard load WLSD
WLSD2
WLSD3
Microload
WL01SD
WL01SD2
WL01SD3
Actuator
Coil spring (spring
diameter: 6.5)
Coil spring (spring
diameter: 4.8)
Coil spring
(resin rod
diameter: 8)
Steel wire (wire
diameter: 1)
Item
Model
Model
Model
Model
Flexible rod
Standard load WLNJ
WLNJ-30
WLNJ-2
WLNJ-S2
Microload
WL01NJ
WL01NJ-30
WL01NJ-2
WL01NJ-S2
Note: Models are also available with ground terminals.
Standard Switches


Similar Part No. - WL-2A104

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
   Adjustable Flow Rate
logo
Omron Electronics LLC
WL-2H1100 OMRON-WL-2H1100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H1100-1 OMRON-WL-2H1100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100 OMRON-WL-2H2100 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
WL-2H2100-1 OMRON-WL-2H2100-1 Datasheet
2Mb / 42P
   Two-circuit Limit Switch
More results

Similar Description - WL-2A104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com