Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-1A110 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # WL-1A110
Description  Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-1A110 Datasheet(HTML) 3 Page - Omron Electronics LLC

  WL-1A110 Datasheet HTML 1Page - Omron Electronics LLC WL-1A110 Datasheet HTML 2Page - Omron Electronics LLC WL-1A110 Datasheet HTML 3Page - Omron Electronics LLC WL-1A110 Datasheet HTML 4Page - Omron Electronics LLC WL-1A110 Datasheet HTML 5Page - Omron Electronics LLC WL-1A110 Datasheet HTML 6Page - Omron Electronics LLC WL-1A110 Datasheet HTML 7Page - Omron Electronics LLC WL-1A110 Datasheet HTML 8Page - Omron Electronics LLC WL-1A110 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3
WL/WLM
Tables of Models
Heads (Roller levers only)
*1. One-side operation means that three operational directions can be selected electrically, according to the change in direction of the operating plunger. The operating
plunger is set for operation on both sides before delivery.
*2. Those models for which one-side operation is impossible can only operate on both sides.
Connectors and Conduits
General-purpose Switches
Spatter-prevention Switches
Long-life Switches
Type
General
purpose
Features
Head specifications
Spatter
prevention
Long-life
Model
Total travel (TT)
One-side
operation
Head
mounting
Model
Model
Basic
WLC
@
Possible *1
(Except for
long-life
models.)
Any of
4 directions
WLCA2-
@SWLMCA2@
General-
purpose
Overtravel
WLH
@
Not possible
*2
Any of
4 directions
WLH2-
@SWLH2@
High-sensitivity
Overtravel
WLG
@
Not possible
*2
Any of
4 directions
WLG2-
@SWLMG2@
Overtravel,
90
° operation
WL
@-2
Not possible
*2
Any of
4 directions
——
WL
@-2N
Possible *1
Either of
2 directions
High-precision
WLGCA2
Possible *1
Any of
4 directions
WLGCA2-
@S
WLMGCA2
@
Maintained
WLCA32-
@
Any of
4 directions
——
Wiring type
General-purpose
Connector/conduit specifications
Spatter-prevention
Long-life
Model
Model
Model
Direct-wired connector
WL
@-@LDK@
• SC-2F/-4F Connector built-in
WLM
@-LDK@
Pre-wired connector
WL
@-@LD-M1@
WL
@-@LD-@GJ@
WL
@-@LD-DK1EJ@
• XS2H-series Pre-wired Connector built-
in
WL
@-@S-M1@J-1
WL
@-@S-DGJS03
WLM
@-LD-M1J
WLM
@-LD-@GJ@
Conduit (screw terminal)
WL
@-@
WL
@-@G1@
WL
@-@G@
WL
@-@Y@
WL
@-@TS@
• G1/2 with no ground terminal
• G1/2 with ground terminal
• Pg13.5 with ground terminal
• M20 with ground terminal
• 1/2 14NPT with ground terminal
WLM
@-LD
45
°
45
°
• With a Roller Lever
80
°
80
°
• Overtravel is large, making
setting the dog easier.
• Mounting is compatible with
WLH2.
80
°
80
°
• Operation is highly sensitive
with only 10
° pretravel.
• Overtravel is large, making
setting the dog easier.
• Mounting is compatible with
WLG2.
90
°
90
°
• Overtravel is large, making
setting the dog easier.
• Mounting is compatible
with WLCA2-2.
45
°
45
°
• Repeat accuracy is twice that
basic models.
• Operation is highly sensitive
with only 5
° pretravel.
• Ideal for positioning, e.g.,
90
°
• When the dog throws the le-
ver, the output is reversed
and the reversed output is
held even after the dog
passed. The original status
is returned to only after the
dog passed.


Similar Part No. - WL-1A110

ManufacturerPart #DatasheetDescription
logo
3M Electronics
WL-1 3M-WL-1 Datasheet
71Kb / 2P
   WL Wire Pulling Lubricant
2000
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
   Adjustable Flow Rate
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
logo
List of Unclassifed Man...
WL-18606130 ETC2-WL-18606130 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
WL-18606131 ETC2-WL-18606131 Datasheet
505Kb / 1P
   T3 MINIATURE BAYONET BASE LED LAMP
More results

Similar Description - WL-1A110

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com