Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3164IRGCT Datasheet(PDF) 9 Page - Pan Jit International Inc.

Part # DAC3164IRGCT
Description  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DAC3164IRGCT Datasheet(HTML) 9 Page - Pan Jit International Inc.

Back Button DAC3164IRGCT Datasheet HTML 5Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 6Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 7Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 8Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 9Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 10Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 11Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 12Page - Pan Jit International Inc. DAC3164IRGCT Datasheet HTML 13Page - Pan Jit International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
DAC3154
DAC3164
www.ti.com
SLAS960 – MAY 2013
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sample rate = 500MSPS, 50% clock
duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUTFS = 20mA (unless otherwise noted).
DAC3154
DAC3164
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
10
12
Bits
DC ACCURACY
DNL Differential nonlinearity
1 LSB = IOUTFS/2
10 for
±0.04
±0.2
DAC3154; 1 LSB = IOUTFS/2
12
LSB
INL Integral nonlinearity
±0.15
±0.5
for DAC3164
ANALOG OUTPUTS
Coarse gain linearity
±0.4
±0.4
LSB
Offset error
Mid code offset
0.01
0.01
%FSR
With external reference
±2
±2
Gain error
%FSR
With internal reference
±2
±2
Gain mismatch
With internal reference
-2
2
-2
2
%FSR
Minimum full scale output current
2
2
Nominal full-scale current,
mA
IOUTFS = 16xIBAIS current
Maximum full scale output current
20
20
Output compliance range
IOUTFS = 20 mA
-0.5
-0.5
1
V
Output resistance
300
300
k
Ω
Output capacitance
5
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
1.14
1.2
1.26
1.14
1.2
1.26
V
Reference output current
100
100
nA
REFERENCE INPUT
VEXTIO Input voltage range
External reference mode
0.1
1.2
1.25
0.1
1.2
1.25
V
Input resistance
1
1
M
Ω
Small signal bandwidth
500
500
kHz
Input capacitance
100
100
pF
TEMPERATURE COEFFICIENTS
ppm of
Offset drift
±1
±1
FSR/°C
With external reference
±15
±15
Gain drift
With internal reference
±30
±30
Reference voltage drift
±8
±8
ppm /°C
POWER SUPPLY
DIGVDD18, VFUSE, VDDA18,
1.71
1.8
1.71
1.8
1.89
V
CLKVDD18
VDDA33
3.15
3.3
3.15
3.3
3.45
V
Sets CMOS IO voltage levels.
IOVDD
1.71
1.71
3.45
V
Nominal 1.8V, 2.5V or 3.3V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC3154 DAC3164


Similar Part No. - DAC3164IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3164IRGCT TI1-DAC3164IRGCT Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Similar Description - DAC3164IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com