Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2M-CPU34 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CJ2M-CPU34
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU34 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button CJ2M-CPU34 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU34 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
CJ2M-CPU3
@/-CPU1@/-MD21@
*2. Supported only by CJ2M CPU Units with unit version 2.0 or later. A Pulse I/O Module must be mounted.
*3. Cannot be used in Function blocks.
*4. Can be used only in Function blocks.
*5. Supported only by the CJ2M-CPU3@.
Items
CJ2M-
CPU11/31
CPU12/32
CPU13/33
CPU14/34
CPU15/35
Execution Mode
Normal Mode
Programming Languages
Ladder Logic (LD),
Sequential Function Charts (SFC),
Structured Text (ST), and
Instruction Lists (IL)
Function
Blocks
Maximum number of definitions
256
2,048
Maximum number of instances
256
2,048
FB Program Area
20K steps
Tasks
Type of Tasks
Cyclic tasks
Interrupt tasks (Power OFF interrupt tasks, scheduled interrupt tasks, I/O interrupt tasks, and external interrupt
tasks, and input interrupt tasks
*2)
Number of Tasks
Cyclic tasks: 128
Interrupt tasks: 256
(Interrupt tasks can be defined as cyclic tasks to create extra cyclic tasks. Therefore, the total number of cyclic
tasks is actually 384 max.)
Symbols
(Variables)
Type of Symbols
• Local symbols: Can be used only within a single task in the PLC.
• Global symbols: Can be used in all tasks in the PLC.
• Network symbols (tags)*: I/O memory in the CPU Unit can be externally accessed using symbols,
depending on parameter settings.
* Supported only by the CJ2M-CPU3@.
Data Type of Symbols
• BOOL (bit)
• UINT (one-word unsigned binary)
• UDINT (two-word unsigned binary)
• ULINT (four-word unsigned binary)
• INT (one-word signed binary)
• DINT (two-word signed binary)
• LINT (four-word signed binary)
• UINT BCD (one-word unsigned BCD) *3
• UDINT BCD (two-word unsigned BCD) *3
• ULINT BCD (four-word unsigned BCD) *3
• REAL (two-word floating-point)
• LREAL (four-word floating-point)
• CHANNEL (word) *3
• NUMBER (constant or number) *3
• WORD (one-word hexadecimal)
• DWORD (two-word hexadecimal)
• LWORD (four-word hexadecimal)
• STRING (1 to 255 ASCII characters)
• TIMER (timer) *4
• COUNTER (counter) *4
• User defined data types (data structures)
Maximum Size of Symbol
32k words
Array Symbols (Array Variables)
One-dimensional arrays
Number of Array Elements
32,000 elements max.
Number of Registrable Network
Symbols (Tags)
*5
2,000 max.
Length of Network Symbol (Tag)
Name
*5
255 bytes max.
Encoding of Network Symbols (Tags)
*5
UTF-8
Data
Tracing
Memory Capacity
8,000 words
(The EM Area can be specified from the CX-Programmer to use up to 32K words multiplied by the number of
banks supported by the CPU Unit model.)
Number of Samplings
Bits = 31, one-word data =16, two-word data = 8, four-word data = 4
Sampling Cycle
1 to 2,550 ms (Unit: 1 ms)
Trigger Conditions
ON/OFF of specified bit
Data comparison of specified word
Data size: 1 word, 2 words, 4 words
Comparison Method: Equals (=), Greater Than (>), Greater Than or Equals (
≥), Less Than (<), Less Than or
Equals (
≤), Not Equal (≠)
Delay Value
−32,768 to +32,767 ms
File Memory
Memory Card (128, 256, or 512 Mbytes) (Use the Memory Cards provided by OMRON.)
EM file memory (Part of the EM Area can be converted for use as file memory.)
Source/
Comment
Memory
Function block program memory,
comment file, program index file,
symbol tables
Capacity: 1 Mbytes
Commu-
nications
Logical Ports for
Communications
Logical Ports
8 ports (Used for SEND, RECV, CMND, PMCR, TXDU, and RXDU instructions.)
Extended Logical
Ports
64 ports (Used for SEND2, RECV2, CMND2, and PMCR2 instructions.)
CIP
Communications
Specification
Class 3
(Connection Type)
Number of connections: 64
UCMM (Non-
connection Type)
Maximum number of clients that can communicate at the same time: 32
Maximum number of servers that can communicate at the same time: 40


Similar Part No. - CJ2M-CPU34

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ2M-CPU34 OMRON-CJ2M-CPU34 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ2M-CPU34 OMRON-CJ2M-CPU34 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
More results

Similar Description - CJ2M-CPU34

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
ALPS ELECTRIC CO.,LTD.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com