Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2M-CPU15 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # CJ2M-CPU15
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU15 Datasheet(HTML) 1 Page - Omron Electronics LLC

  CJ2M-CPU15 Datasheet HTML 1Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 2Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CSM_CJ2M-CPU3__-CPU1__-MD21__DS_E_
4_1
1
SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ2M-CPU3
@/-CPU1@/-MD21@
Since 2001, CJ1M-series PLCs are in
control of a wide variety of
applications worldwide.
The accumulated experience and
advancements in technology now
result in CJ2M; fully compatible, yet
fully new.
• Increased performance, and increased memory capacity
• Up to 40 I/O unit on any CPU
• Pulse I/O Modules add position control functions to any CPU
• USB for plug-and-play access to the PLC
• All models available with or without Ethernet port
• Choice of serial port plug-in modules
Features
• Five variations in program capacity from 5K steps to 60K steps; scale the CPU to your application needs.
• Faster processors; LD instruction execution time is reduced to 40 ns, floating point trigonometrics in less than 1 μs.
• Optional Pulse I/O Modules can be mounted to enable positioning functions for up to four axes. The module provides high-speed counters,
interrupt inputs and pulse train/PWM outputs. (CJ2M CPU Units with Unit Version 2.0 or Later)
• Faster Function Block calls and execution, faster interrupt handling, less overhead time.
• Added execution memory for Function Blocks allows structured, object-oriented programming even in entry-level CPUs.
• General-purpose Ethernet port supports EtherNet/IP tag-based data links, connection to Support Software, communications between PLCs,
FTP data transfers, and more (CJ2M-CPU3
@).
• Standard USB port on all models allows Support Software to connect directly through standard USB cable.
• A Serial Option Module can be mounted to add RS-232C or RS-422A/485 communications ports (CJ2M-CPU3@).
• Compatible with all existing CJ1 power supply-, I/O-, control- and communication units.
CJ2M-CPU3
@
CJ2M-CPU1
@
CJ2M-MD21
@


Similar Part No. - CJ2M-CPU15

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ2M-CPU15 OMRON-CJ2M-CPU15 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ2M-CPU15 OMRON-CJ2M-CPU15 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
More results

Similar Description - CJ2M-CPU15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
ALPS ELECTRIC CO.,LTD.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com