Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX-LT030 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # ZX-LT030
Description  Smart Sensors (Laser Type) ZX Series (ZX-L-N)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX-LT030 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button ZX-LT030 Datasheet HTML 2Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 3Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 4Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 5Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 6Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 7Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 8Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 9Page - Omron Electronics LLC ZX-LT030 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ZX Series (ZX-L-N) Smart Sensors (Laser Type)
■ Calculating Unit
■ ZX-series Communications Interface Unit
* Contact your OMRON representative for CompoWay/F communications specifications.
Item
ZX-CAL2
Applicable Amplifier Units
ZX-LDA11-N/41-N/ZX-EDA11/41/ZX-TDA11/41
Current consumption
12 mA max. (supplied from the Smart Sensor Amplifier Unit)
Ambient temperature
Operating: 0 to 50
°C, Storage: −15 to 60°C (with no icing or condensation)
Ambient humidity
Operating and storage: 35% to 85% (with no condensation)
Connection method
Connector
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Insulation resistance
100 M
Ω (at 500 VDC)
Vibration resistance (destructive)
10 to 150 Hz, 0.7-mm double amplitude 80 min each in X, Y, and Z directions
Shock resistance (destructive)
300 m/s2 3 times each in six directions (up/down, left/right, forward/backward)
Materials
Display: Acrylic, Case: ABS resin
Weight (packed state)
Approx. 50 g
Item
ZX-SF11
Current consumption
60 mA max. (supplied by the Amplifier Unit)
Applicable Amplifier Units
ZX Series
Applicable Amplifier Unit versions
ZX-LDA
@1-N Ver. 1.000 or higher
ZX-EDA
@1 Ver. 1.100 or higher
ZX-TDA
@1 Ver. 1.000 or higher
Max. No. of Amplifier Units
5
Communications
functions
Communications
port
RS-232C port (9-pin D-Sub Connector)
Communications
protocol
CompoWay/F*
Baud rate
38,400 bps
Data configuration
Data bits: 8, Parity: none, Start bits: 1, Stop bits: 1, Flow control: none
Indicators
Power supply: green, Sensor communications: green, Sensor communications error: red, External
terminal communications: green, External terminal communications error: red
Protective circuits
Reverse polarity protection
Ambient temperature
Operating: 0 to 50
°C, storage: −15 to 60°C (with no icing or condensation)
Ambient humidity
Operating and storage: 35% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min, Leakage current: 10 mA max.
Materials
Case: PBT (polybutylene terephthalate), Cover: Polycarbonate
Accessories
Instruction sheet, 2 clamps


Similar Description - ZX-LT030

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZX2 OMRON-ZX2 Datasheet
4Mb / 15P
   Smart Sensors Laser Sensors CMOS Type
logo
ATGBICS by Approved Tec...
SFP-ZX-80-C ATGBICS-SFP-ZX-80-C Datasheet
286Kb / 8P
   SFP-ZX-80 Brocade Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
DELL-1000-ZX-C ATGBICS-DELL-1000-ZX-C Datasheet
286Kb / 8P
   DELL1000-ZX Dell Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ET4201-ZX-C ATGBICS-ET4201-ZX-C Datasheet
286Kb / 8P
   ET4201-ZX Edgecore Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
   GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FR-TRAN-ZX-C ATGBICS-FR-TRAN-ZX-C Datasheet
286Kb / 8P
   FR-TRAN-ZX Fortinet Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ONS-SI-GE-ZX-C ATGBICS-ONS-SI-GE-ZX-C Datasheet
286Kb / 8P
   ONS-SI-GE-ZX Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SM-RGD-C ATGBICS-GLC-ZX-SM-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
GLC-ZX-SMD-RGD-C ATGBICS-GLC-ZX-SMD-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SMD-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
1184562P5-C ATGBICS-1184562P5-C Datasheet
265Kb / 8P
   1184562P5 AdTran Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com