Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1W-CIF12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CP1W-CIF12
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1W-CIF12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CP1W-CIF12 Datasheet HTML 1Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 2Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 3Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 4Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 5Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 6Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 7Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 8Page - Omron Electronics LLC CP1W-CIF12 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CJ2M-CPU3
@/-CPU1@/-MD21@
2
Ordering Information
International Standards
• The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA, UC: cULus,
UC1: cULus (Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Contact your OMRON representative for further details and applicable conditions for these standards.
CJ2M CPU Units (Built-in EtherNet/IP)
Note: Add 0.005A, 0.030A and 0.075A when using Serial Communications Option Boards (CP1W-CIF01/11/12), respectively.
Add 0.15A/Unit when using NT-AL001 RS-232C/RS-422A Adapters.
Add 0.04A/Unit when using CJ1W-CIF11 RS-422A Adapters.
Add 0.20A/Unit when using NV3W-M
@20L Programmable Terminals.
CJ2M CPU Units
Note: Add 0.15A/Unit when using NT-AL001 RS-232C/RS-422A Adapters.
Add 0.04A/Unit when using CJ1W-CIF11 RS-422A Adapters.
Add 0.20A/Unit when using NV3W-M
@20L Programmable Terminals.
Serial Communications Option Boards (Only CJ2M-CPU3
@)
The serial communications port can be equipped by installing the serial communications option board to the option board slot in front of CPU unit.
Note: It is not possible to use a CP-series Ethernet Option Board (CP1W-CIF41), LCD Option Board (CP1W-DAM01) with a CJ2M CPU Unit.
* The following modes cannot be used: 1:1 NT Link, Serial Gateway converted to Host Link FINS, 1:1 Link Master, and 1:1 Link Slave.
Product name
Specifications
Current
consumption (A)
Model
Standards
I/O capacity/
Mountable Units
(Expansion Racks)
Program
capacity
Data memory
capacity
LD
instruction
execution
time
EtherNet/IP
function
Option
board
slot
5 V
24 V
CJ2M (Built-in
EtherNet/IP)
CPU Units
2,560 points/
40 Units
(3 Expansion
Racks max.)
60K steps 160K words
(DM: 32K words,
EM: 32K words ×
4 banks)
0.04
μs
YES
YES
0.7
(See
note.)
CJ2M-CPU35
UC1, N, L,
CE
30K steps
CJ2M-CPU34
20K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
CJ2M-CPU33
10K steps
CJ2M-CPU32
5K steps
CJ2M-CPU31
Product name
Specifications
Current
consumption (A)
Model
Standards
I/O capacity/
Mountable Units
(Expansion Racks)
Program
capacity
Data memory
capacity
LD
instruction
execution
time
EtherNet/IP
function
Option
board
slot
5 V
24 V
CJ2M CPU
Units
2,560 points/
40 Units
(3 Expansion
Racks max.)
60K steps 160K words
(DM: 32K words,
EM: 32K words ×
4 banks)
0.04
μs
−−
0.5
(See
note.)
CJ2M-CPU15
UC1, N, L,
CE
30K steps
CJ2M-CPU14
20K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
CJ2M-CPU13
10K steps
CJ2M-CPU12
5K steps
CJ2M-CPU11
Product name
Specifications
Serial communications
mode
Current
consumption (A)
Model
Standards
5 V
24 V
RS-232C Option
Board
One RS-232C port
Connector: D-Sub, 9 pin, female
Maximum transmission distance: 15m
One RS-232C connector (D-Sub, 9 pin, male) is included.
(Plug: XM2A-0901, Hood: XM2S-0911-E)
Host Link, 1:N NT Link, No-
protocol, Serial PLC Link
Slave, Serial PLC Link Master,
Serial Gateway converted to
CompoWay/F, and Tool Bus
*
0.005
CP1W-CIF01
UC1, N, L,
CE
RS-422A/485
Option Board
One RS-422A/485 port
Terminal block: using ferrules
Maximum transmission distance: 50m
0.030
CP1W-CIF11
RS-422A/485
Isolated-type
Option Board
One RS-422A/485 port (Isolated)
Terminal block: using ferrules
Maximum transmission distance: 500m
0.075
CP1W-CIF12


Similar Part No. - CP1W-CIF12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-CIF12 OMRON-CP1W-CIF12 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CP1W-CIF12 OMRON-CP1W-CIF12 Datasheet
2Mb / 44P
   The CP1E Package PLCs: Economical, Easy to use, and Efficient
CP1W-CIF12-V1 OMRON-CP1W-CIF12-V1 Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1W-CIF12

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
ALPS ELECTRIC CO.,LTD.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com