Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2513DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2513DBVR
Description  USB Dedicated Charging Port Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2513DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2513DBVR Datasheet HTML 1Page - Texas Instruments TPS2513DBVR Datasheet HTML 2Page - Texas Instruments TPS2513DBVR Datasheet HTML 3Page - Texas Instruments TPS2513DBVR Datasheet HTML 4Page - Texas Instruments TPS2513DBVR Datasheet HTML 5Page - Texas Instruments TPS2513DBVR Datasheet HTML 6Page - Texas Instruments TPS2513DBVR Datasheet HTML 7Page - Texas Instruments TPS2513DBVR Datasheet HTML 8Page - Texas Instruments TPS2513DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPS2513
TPS2514
SLVSBY8A – MAY 2013 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Over recommended junction temperature range, voltages are referenced to GND (unless otherwise noted)
MIN
MAX
UNIT
IN
–0.3
7
Voltage range
DP1, DP2 output voltage, DM1, DM2 output voltage
–0.3
5.8
V
DP1, DP2 input voltage, DM1, DM2 input voltage
–0.3
5.8
Continuous output sink current
DP1, DP2 input current, DM1, DM2 input current
35
mA
Continuous output source
DP1, DP2 output current, DM1, DM2 output current
35
mA
current
IN
2
Human Body Model
kV
(HBM)
ESD rating
DP1, DP2, DM1, DM2
6
Charging Device Model (CDM)
500
V
Operating Junction Temperature TJ
–40
125
°C
Storage Temperature Range
Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS2513
TPS2514
THERMAL METRIC(1)
UNITS
DBV (6 PINS)
θJA
Junction-to-ambient thermal resistance
179.9
θJCtop
Junction-to-case (top) thermal resistance
117.5
θJB
Junction-to-board thermal resistance
41.9
°C/W
ψJT
Junction-to-top characterization parameter
17.2
ψJB
Junction-to-board characterization parameter
41.5
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
spacer
RECOMMENDED OPERATING CONDITIONS
Voltages are referenced to GND (unless otherwise noted), positive current are into pins.
MIN
MAX
UNIT
VIN
Input voltage of IN
4.5
5.5
V
VDP1
DP1 data line input voltage
0
5.5
V
VDM1
DM1 data line input voltage
0
5.5
V
IDP1
Continuous sink or source current
±10
mA
IDM1
Continuous sink or source current
±10
mA
VDP2
DP2 data line input voltage
0
5.5
V
VDM2
DM2 data line input voltage
0
5.5
V
IDP2
Continuous sink or source current
±10
mA
IDM2
Continuous sink or source current
±10
mA
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2513 TPS2514


Similar Part No. - TPS2513DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513DBVR TI1-TPS2513DBVR Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2513DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com