Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2513DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2513DBVR
Description  USB Dedicated Charging Port Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2513DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2513DBVR Datasheet HTML 1Page - Texas Instruments TPS2513DBVR Datasheet HTML 2Page - Texas Instruments TPS2513DBVR Datasheet HTML 3Page - Texas Instruments TPS2513DBVR Datasheet HTML 4Page - Texas Instruments TPS2513DBVR Datasheet HTML 5Page - Texas Instruments TPS2513DBVR Datasheet HTML 6Page - Texas Instruments TPS2513DBVR Datasheet HTML 7Page - Texas Instruments TPS2513DBVR Datasheet HTML 8Page - Texas Instruments TPS2513DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DM1
VBUS
D-
D+
GND
5 V
Power
TPS2513
VBUS
D-
D+
GND
DP1
DM2
DP2
IN
GND
VBUS
GND
TPS2561A
0.1PF
DP1
DM1
IN
N/C
GND
N/C
1
2
3
4
5
6
DP1
DM1
IN
DM2
GND
DP2
1
2
3
4
5
6
TPS2513
TPS2514
www.ti.com
SLVSBY8A – MAY 2013 – REVISED MAY 2013
USB Dedicated Charging Port Controller
Check for Samples: TPS2513, TPS2514
1
FEATURES
DESCRIPTION
The TPS2513 and TPS2514 are USB dedicated
Supports USB DCP Shorting D+ Line to
charging port (DCP) controllers. An auto-detect
D– Line per USB Battery Charging
feature
monitors
USB
data
line
voltage,
and
Specification, Revision 1.2 (BC1.2)
automatically
provides
the
correct
electrical
Supports Shorted Mode (Shorting D+ Line to
signatures on the data lines to charge compliant
D- Line) per Chinese Telecommunication
devices among the following dedicated charging
Industry Standard YD/T 1591-2009
schemes:
Supports USB DCP Applying 2.7 V on D+ Line
1. Divider 1 DCP, required to apply 2 V and 2.7 V
on the D+ and D– Lines respectively
and 2 V on D- line (or USB DCP Applying
2 V on D+ Line and 2.7 V on D– Line)
2. Divider 2 DCP, required to apply 2.7 V and 2 V
on the D+ and D– Lines respectively
Supports USB DCP Applying 1.2 V on
D+ and D– Lines
3. BC1.2 DCP, required to short the D+ Line to the
D– Line
Automatically Switch D+ and D- Lines
4. Chinese Telecom Standard YD/T 1591-2009
Connections for an Attached Device
Shorted Mode, required to short the D+ Line to
Dual USB Port Controller, TPS2513
the D– Line
Single USB Port Controller, TPS2514
5. 1.2 V on both D+ and D– Lines
Operating Range: 4.5 V to 5.5 V
Available in SOT23-6 Package
APPLICATIONS
Vehicle USB Power Charger
AC-DC Adapter with USB Port
Other USB Charger
TPS2513, TPS2514 DBV PACKAGE and SIMPLIFIED APPLICATION DIAGRAM
TPS2514 DBV
TPS2513 DBV
(Top View)
(Top View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2513DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513DBVR TI1-TPS2513DBVR Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2513DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com