Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54531 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54531
Description  5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54531 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54531 Datasheet HTML 1Page - Texas Instruments TPS54531 Datasheet HTML 2Page - Texas Instruments TPS54531 Datasheet HTML 3Page - Texas Instruments TPS54531 Datasheet HTML 4Page - Texas Instruments TPS54531 Datasheet HTML 5Page - Texas Instruments TPS54531 Datasheet HTML 6Page - Texas Instruments TPS54531 Datasheet HTML 7Page - Texas Instruments TPS54531 Datasheet HTML 8Page - Texas Instruments TPS54531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1
2
3
4
5
6
7
8
BOOT
VIN
EN
SS
PH
GND
COMP
VSENSE
PowerPAD
(Pin 9)
TM
TPS54531
SLVSBI5 – MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 3.5V to 28V (unless otherwise noted)
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal Shutdown
165
°C
SLOW START (SS PIN)
Charge current
V(SS) = 0.4 V
2
μA
DEVICE INFORMATION
PIN ASSIGNMENTS
DDA PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
BOOT
1
A 0.1
μF bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor falls
below the minimum requirement, the high-side MOSFET is forced to switch off until the capacitor is
refreshed.
VIN
2
Input supply voltage, 3.5 V to 28 V.
EN
3
Enable pin. Pull below 1.25V to disable. Float to enable. Programming the input undervoltage lockout with
two resistors is recommended.
SS
4
Slow start pin. An external capacitor connected to this pin sets the output rise time.
VSENSE
5
Inverting node of the gm error amplifier.
COMP
6
Error amplifier output, and input to the PWM comparator. Connect frequency compensation components
to this pin.
GND
7
Ground.
PH
8
The source of the internal high-side power MOSFET.
PowerPAD™
9
GND pin must be connected to the exposed pad for proper operation. This pin is only available in the
DDA package.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54531


Similar Part No. - TPS54531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
More results

Similar Description - TPS54531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54232 TI-TPS54232 Datasheet
945Kb / 24P
[Old version datasheet]   2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com