Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54531 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54531
Description  5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54531 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54531 Datasheet HTML 2Page - Texas Instruments TPS54531 Datasheet HTML 3Page - Texas Instruments TPS54531 Datasheet HTML 4Page - Texas Instruments TPS54531 Datasheet HTML 5Page - Texas Instruments TPS54531 Datasheet HTML 6Page - Texas Instruments TPS54531 Datasheet HTML 7Page - Texas Instruments TPS54531 Datasheet HTML 8Page - Texas Instruments TPS54531 Datasheet HTML 9Page - Texas Instruments TPS54531 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
T - Junction Temperature - °C
J
2
2.1
–50
–25
0
25
50
75
100
125
1.9
150
V
= 12 V
IN
5
6
7
8
9
10
11
12
3
8
13
18
23
28
Input Voltage (V)
T =
±40ƒC
T = 25
ƒC
T = 150
ƒC
C014
T
J
T
J
T
J
T - Junction Temperature - °C
J
110
120
130
140
–50
–25
0
25
50
75
100
125
100
150
V
= 12 V
IN
T - Junction Temperature - °C
J
5.0
5.5
6.0
7.0
7.5
–50
–25
0
25
50
75
100
125
6.5
V
= 12 V
IN
150
T - Junction Temperature - °C
J
0.788
0.800
0.812
0.824
–50
–25
0
25
50
75
100
125
0.776
150
V
= 12 V
IN
0.782
0.794
0.806
0.818
T - Junction Temperature - °C
J
80
90
100
110
120
–50
–25
0
25
50
75
100
125
70
60
150
V
= 12 V
IN
T - Junction Temperature - °C
J
560
570
580
590
–50
–25
0
25
50
75
100
125
550
150
V
= 12 V
IN
V
- Input Voltage - V
IN
0
1
2
3
4
3
8
13
18
23
28
EN = 0V
T = 150°C
J
T = 40°C
J
T = 25°C
J
TPS54531
SLVSBI5 – MAY 2013
www.ti.com
CHARACTERIZATION CURVES
ON RESISTANCE
SHUTDOWN QUIESCENT CURRENT
SWITCHING FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
MINIMUM CONTROLLABLE DUTY
VOLTAGE REFERENCE
MINIMUM CONTROLLABLE ON TIME
RATIO
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
SS CHARGE CURRENT
CURRENT LIMIT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54531


Similar Part No. - TPS54531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
More results

Similar Description - TPS54531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54232 TI-TPS54232 Datasheet
945Kb / 24P
[Old version datasheet]   2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com