Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PXIS-2700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. PXIS-2700
Description  18/14/8-Slot 3U PXI Chassis
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PXIS-2700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PXIS-2700 Datasheet HTML 1Page - List of Unclassifed Manufacturers PXIS-2700 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Updated January 29, 2013. ©2013 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
Minimum
5.0 A
2.5 A
1.0 A
0.0 A
VDC
+5 V
+12 V
+3.3 V
-12 V
Maximum
40.0 A
32.0 A
30.0 A
1.0 A
Minimum
1.0 A
0.0 A
0.0 A
0.0 A
VDC
+5 V
+12 V
+3.3 V
-12 V
Maximum
50.0 A
35.0 A
28.0 A
0.8 A
Minimum
2.0 A
0.0 A
0.0 A
0.0 A
VDC
+5 V
+12 V
+3.3 V
-12 V
Maximum
33.0 A
5.5 A
33.0 A
1.0 A
Typical
25.0 A
5.0 A
18.0 A
0.5 A
PXI Chassis
PXIS-2700
PXIS-2670
PXIS-2630
Introduction
The PXIS-2700/2670/2630 PXI chassis provides 18/14/8 slots in a standard 19” 4U configuration and supports both PXI
and CompactPCI modules. The PXIS-2700/2670/2630 chassis are compliant with PXI specification Rev. 2.2 and highlight
PXI features including a 10 MHz reference clock, start trigger, local bus, and a trigger bus divided into two segments by
a single PCI bridge.
The PXIS-2700 promote operating efficiency with a redundant power subsystem ensuring reliable, round-the-clock
power, and hot-swappable cooling fans. Combined solutions considerably reduce MTTR and ensure continuous
operation. The PXIS-2700/2670/2630 also provide effective monitoring of system power, temperature, and fans via a
chassis-integrated alarm module. Notice is provided by LED buzzer alarms in the event of power supply or fan module
malfunction.
Features
Supports3UPXIandCompactPCImodules
PXI Specifications Rev. 2.2 compliant
NumberofPXISlots:
PXIS-2700:18(1systemslot+17peripheralslots)
PXIS-2670:14(1systemslot+13peripheralslots)
PXIS-2630:8(1systemslot+7peripheralslots)
Powersupply:
PXIS-2700:460W+460WredundantACpowersupply
PXIS-2670:500WATXACpowersupply
PXIS-2630:400WATXACpowersupply
Hot-swappable fans design for easy replacement
Filtered,forced-aircoolingarchitecture
Temperature, voltage, and fan monitoring LEDs
18/14/8-Slot 3U PXI Chassis
PXIS-2700/2670/2630
Ordering Information
■ PXIS-2700
18-Slot 3U PXI/CompactPCI Chassis with
460 W + 460 W Redundant AC Power Supply
■PXIS-2670
14-Slot 3U PXI/CompactPCI Chassis with 500W
AC Power Supply
■PXIS-2630
8-Slot 3U PXI/CompactPCI Chassis with 400 W
AC Power Supply
■PXISSpareFan
PXIS Chassis Spare Fan for PXIS-2700 &
PXIS-2600 Series
PXIS-2700/2670/2630
PXI-3980/3950/3920
Recommended System Controller
Specifications
Power Supply
Form factor:
•PXIS-2700: 460 W + 460 W redundant AC power supply
•PXIS-2670: 500 W ATX AC power supply
•PXIS-2630: 400 W ATX AC power supply
AC input:
•100 to 240 VAC, 50 Hz to 60 Hz
DC output:
•PXIS-2700: 460 W
•PXIS-2670: 500W
•PXIS-2630: 400W
Cooling
Fans: Five 80 mm x 80 mm x 15 mm ball-bearing fans
in hot-swappable fan trays, 31 CFM/each (PXIS-
2700/2670), 36 CFM/each (PXIS-2630)
Physical
Number of Slots:
•PXIS-2700: 18 (1 system slot + 17 peripheral slots)
•PXIS-2670: 14 (1 system slot + 13 peripheral slots)
•PXIS-2630: 8 (1 system slot + 7 peripheral slots)
Dimensions: (Without handles)
•PXIS-2700: 483 mm (W) x 178 mm (H) x 445 mm (D)
(18.8” x 6.9” x 17.4”)
•PXIS-2670/2630: 483 mm (W) x 178 mm (H) x 258
mm (D) (18.8” x 6.9” x 10”)
Weight:
•PXIS-2700: 19 kg (41.8 lbs)
•PXIS-2670: 14 kg (30.8 lbs)
•PXIS-2630: 11 kg (24.2 lbs)
Operating Environment
Ambient temperature: 0°C to 45°C (PXIS-2700),
0°C to 50°C (PXIS-2670/2630)
Relative humidity: 10% to 90%, non-condensing
Storage Environment
Ambienttemperature:-20°Cto70°C(-4˚Fto158˚F)
Relative humidity: 5% to 95%, non-condensing
ShockandVibration
Shock: 15 Gpeak-to-peak, 11 ms duration
Random Vibration
•Operating: 5 Hz to 500 Hz, 0.5 GRMS, each axis
•Non-operating: 5 Hz to 500 Hz, 1.88 GRMS, each axis
Emissions Compliance
EN 55022
FCC Class A
CE Compliance
Safety: EN 60950-1
Immunity: EN 55024


Similar Part No. - PXIS-2700

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
PXIS-2719A ETC2-PXIS-2719A Datasheet
565Kb / 2P
   19-Slot 3U PXI Chassis with AC
Adlink Technology Inc.
Adlink Technology Inc.
PXIS-2719A ADLINK-PXIS-2719A Datasheet
172Kb / 2P
   19-Slot 3U PXI Chassis with AC
More results

Similar Description - PXIS-2700

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
PXIS-2508 ETC2-PXIS-2508 Datasheet
659Kb / 1P
   8-Slot 3U PXI Chassis with AC
PXIS-2690P ETC2-PXIS-2690P Datasheet
384Kb / 1P
   14-Slot 3U Integrated Portable PXI Chassis with AC
PXIS-2719A ETC2-PXIS-2719A Datasheet
565Kb / 2P
   19-Slot 3U PXI Chassis with AC
Adlink Technology Inc.
Adlink Technology Inc.
PXIS-2719A ADLINK-PXIS-2719A Datasheet
172Kb / 2P
   19-Slot 3U PXI Chassis with AC
PXES-2785 ADLINK-PXES-2785 Datasheet
1Mb / 2P
   18-Slot 3U 24GB/s PXI Express Chassis ??Up to 8 GB/s, 50 W power
List of Unclassifed Manufacturers
List of Unclassifed Man...
PXIS-2506 ETC2-PXIS-2506 Datasheet
294Kb / 1P
   6-Slot 3U PXI/CompactPCI Chassis with 250 W CompactPCI Power Module
Adlink Technology Inc.
Adlink Technology Inc.
CPCIS-2501 ADLINK-CPCIS-2501 Datasheet
339Kb / 2P
   3U CompactPCI 6-slot Cubic Chassis
Keysight Technologies
Keysight Technologies
M9018B KEYSIGHT-M9018B Datasheet
2Mb / 14P
   18-slot PXIe Chassis
List of Unclassifed Manufacturers
List of Unclassifed Man...
PXES-2590 ETC1-PXES-2590 Datasheet
1Mb / 2P
   9-Slot 3U PXI Express Chassis with AC ??Up to 7 GB/s, All Hybrid
Adlink Technology Inc.
Adlink Technology Inc.
PXES-2590 ADLINK-PXES-2590 Datasheet
710Kb / 3P
   9-Slot 3U PXI Express Chassis with AC ??Up to 7 GB/s, All Hybrid
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz