Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70028DDCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70028DDCR
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70028DDCR Datasheet(HTML) 1 Page - Texas Instruments

  TLV70028DDCR Datasheet HTML 1Page - Texas Instruments TLV70028DDCR Datasheet HTML 2Page - Texas Instruments TLV70028DDCR Datasheet HTML 3Page - Texas Instruments TLV70028DDCR Datasheet HTML 4Page - Texas Instruments TLV70028DDCR Datasheet HTML 5Page - Texas Instruments TLV70028DDCR Datasheet HTML 6Page - Texas Instruments TLV70028DDCR Datasheet HTML 7Page - Texas Instruments TLV70028DDCR Datasheet HTML 8Page - Texas Instruments TLV70028DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
EN
N/C
N/C
6
5
4
IN
GND
OUT
1
2
3
TLV700xxDSE
1,5-mmx1,5-mmSON
(TOPVIEW)
TLV700xxDDC
TSOT23-5
(TOPVIEW)
OUT
N/C
IN
GND
EN
1
2
3
5
4
TLV700xxDCK
SC70-5PACKAGE
(TOPVIEW)
OUT
N/C
IN
GND
EN
1
2
3
4
5
TLV700xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
TLV700xx
www.ti.com
SLVSA00D – SEPTEMBER 2009 – REVISED NOVEMBER 2012
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
1
FEATURES
DESCRIPTION
The TLV700xx series of low-dropout (LDO) linear
234
Very Low Dropout:
regulators are low quiescent current devices with
43 mV at IOUT = 50 mA, VOUT = 2.8 V
excellent line and load transient performance. These
85 mV at IOUT = 100 mA, VOUT = 2.8 V
LDOs are designed for power-sensitive applications.
A precision bandgap and error amplifier provides
175 mV at IOUT = 200 mA, VOUT = 2.35 V
overall 2% accuracy. Low output noise, very high
2% Accuracy
power-supply rejection ratio (PSRR), and low dropout
Low IQ: 31 μA
voltage make this series of devices ideal for most
battery-operated handheld equipment. All device
Available in Fixed-Output Voltages from 1.2 V
versions have thermal shutdown and current limit for
to 4.8 V
safety.
High PSRR: 68 dB at 1 kHz
Furthermore, these devices are stable with an
Stable with Effective Capacitance of 0.1
μF(1)
effective output capacitance of only 0.1
μF. This
Thermal Shutdown and Overcurrent Protection
feature enables the use of cost-effective capacitors
Available in 1,5-mm × 1,5-mm SON-6, SOT23-5,
that have higher bias voltages and temperature
and SC-70 Packages
derating. The devices regulate to specified accuracy
with no output load.
(1)
See the Input and Output Capacitor Requirements in the
Application Information section.
The TLV700xx series of LDOs are available in 1,5-
mm
x
1,5-mm
SON-6,
TSOT23-5,
and
SC-70
APPLICATIONS
packages.
Wireless Handsets
space
Smart Phones, PDAs
space
MP3 Players
ZigBee® Networks
Bluetooth® Devices
Li-Ion Operated Handheld Products
WLAN and Other PC Add-on Cards
Typical Application Circuit (Fixed-Voltage
Versions)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG.
3
ZigBee is a registered trademark of the ZigBee Alliance.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV70028DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70028DDCR TI-TLV70028DDCR Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70028DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com