Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR8305 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDR8305
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR8305 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDR8305 Datasheet HTML 1Page - Fairchild Semiconductor FDR8305 Datasheet HTML 2Page - Fairchild Semiconductor FDR8305 Datasheet HTML 3Page - Fairchild Semiconductor FDR8305 Datasheet HTML 4Page - Fairchild Semiconductor FDR8305 Datasheet HTML 5Page - Fairchild Semiconductor FDR8305 Datasheet HTML 6Page - Fairchild Semiconductor FDR8305 Datasheet HTML 7Page - Fairchild Semiconductor FDR8305 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SSOT-8 Packaging
Configuration: Figure 1.0
Components
Lead er Tape
500mm mi nimum or
62 empty poc kets
Traile r Tape
300mm mi nimum or
38 empty pockets
SSOT-8 Tape Leader and Trailer
Configuration: Figur e 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SSOT-8 Packaging Information
Standard
(no f l ow c ode )
D84Z
Packaging type
Reel Size
TNR
13" D ia
TNR
7" Dia
Qty per Reel/Tube/Bag
3,000
500
Box Dimension (mm)
343x64x343
184x187x47
Max qty per Box
6,000
1,000
Weight per unit (gm)
0.0416
0.0416
Weight per Reel (kg)
0.5615
0.0980
184mm x 187mm x 47mm
Pizza Box fo r D84Z Option
F63TNR
Label
F63TNR Labe l
F63TNR Labe l sa mpl e
343mm x 342mm x 64mm
Intermediate bo x fo r Standar d
and L 99Z Opti ons
F63TNR
Label
LOT: CBVK741B019
FSID: FDR835N
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
SSOT-8 Unit Orientation
F852
831N
F852
831N
F852
831N
F852
831N
F852
831N
Pin 1
F63TNR Labe l
Anti static Cover Tape
Customized La bel
Static Dissi pat ive
Emboss ed Carrier Tape
Packaging Description:
SSOT-8 parts are shipped in tape. The carrier tape is
made from a di ssipat ive (carbo n filled) po ly carbon ate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film ,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped w ith
3,000 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 unit s per 7" or
177cm diameter reel. This and some other options are
further described in the Packagin g Information table.
These full reels are in di vidu ally barcod e labeled and
placed inside a standard intermediate box (ill ustrated in
figure 1.0) made of recyclable corrugated brow n paper.
One box contains two reels maximum. And t hese boxes
are placed ins ide a barcode labeled shipp ing bo x whic h
comes in di fferent sizes depend in g on t he nu mber of parts
shippe d.
SuperSOTTM-8 Tape and Reel Data and Package Dimensions
August 1999, Rev. C


Similar Part No. - FDR8305

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDR8305

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com