Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP180 Datasheet(PDF) 3 Page - Texas Instruments

Part # BMP180
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BMP180 Datasheet(HTML) 3 Page - Texas Instruments

  BMP180 Datasheet HTML 1Page - Texas Instruments BMP180 Datasheet HTML 2Page - Texas Instruments BMP180 Datasheet HTML 3Page - Texas Instruments BMP180 Datasheet HTML 4Page - Texas Instruments BMP180 Datasheet HTML 5Page - Texas Instruments BMP180 Datasheet HTML 6Page - Texas Instruments BMP180 Datasheet HTML 7Page - Texas Instruments BMP180 Datasheet HTML 8Page - Texas Instruments BMP180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BOOSTXL-SENSHUB
User
Buttons
TPS75118
3.3 V
RF Expansion
3.3 V
1.8 V
LED
BoosterPack XL
Connectors
BMP180
MPU9150
SHT21
ISL29023
TMP006
www.ti.com
Hardware Description
1.3
Specifications
Table 1 summarizes the specifications for the BOOSTXL-SENSHUB BoosterPack.
Table 1. Sensor Hub BoosterPack Specifications
Parameter
Value
Board supply voltage
2.7 V to 5.5 V nominally supplied
as 3.3 V from the BoosterPack
interface
Dimensions
2.0 x 1.5 x 0.625 (in)
5.08 x 3.81 x 1.587 (cm)
RoHS status
Compliant
2
Hardware Description
The Sensor Hub BoosterPack includes five motion and environmental sensors. It also enables RF
expansion and access to user LEDs and buttons. The hardware is designed to enable innovative
applications that fuse sensor information and Tiva C Series software processing through the functionality
of the Tiva C Series LaunchPad.
Figure 2 shows a block diagram of the Sensor Hub BoosterPack.
Figure 2. BOOSTXL-SENSHUB BoosterPack Block Diagram
3
SPMU290 – April 2013
BOOSTXL-SENSHUB Sensor Hub BoosterPack
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - BMP180

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
   Digital pressure sensor
More results

Similar Description - BMP180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
logo
TEXAS ADVANCED OPTOELEC...
BOOSTXL-DRV8301 TAOS-BOOSTXL-DRV8301 Datasheet
4Mb / 13P
   BOOSTXL-DRV8301 HARDWARE
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Texas Instruments
SLAU440 TI1-SLAU440 Datasheet
600Kb / 11P
[Old version datasheet]   430BOOST-TMP006 BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
LAPIS Semiconductor Co....
ML610Q794G LAPIS-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com