Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7113ID5V Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP7113ID5V
Description  The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113ID5V Datasheet(HTML) 2 Page - Kingbright Corporation

  WP7113ID5V_13 Datasheet HTML 1Page - Kingbright Corporation WP7113ID5V_13 Datasheet HTML 2Page - Kingbright Corporation WP7113ID5V_13 Datasheet HTML 3Page - Kingbright Corporation WP7113ID5V_13 Datasheet HTML 4Page - Kingbright Corporation WP7113ID5V_13 Datasheet HTML 5Page - Kingbright Corporation WP7113ID5V_13 Datasheet HTML 6Page - Kingbright Corporation WP7113ID5V_13 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAF2406
REV NO: V.4A
DATE: MAR/30/2013
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1101005047
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1.Wavelength: +/-1nm.
2.Wavelength value is traceable to the CIE127-2007 compliant national standards.
Notes:
1. 2mm below package base.
2. 5mm below package base.
Part No.
Dice
Lens Type
Iv (mcd) [2]
V= 5V
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP7113ID5V
High Efficiency Red (GaAsP/GaP)
Red Diffused
20
40
*12
*25
30
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
627
nm
VF=5V
λD [1]
Dominant Wavelength
High Efficiency Red
617
nm
VF=5V
Δλ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
VF=5V
IF
Forward Current
High Efficiency Red
13
17.5
mA
VF=5V
IR
Reverse Current
High Efficiency Red
10
uA
VR = 5V
Parameter
High Efficiency Red
Units
Power dissipation
85
mW
Forward Voltage
6
V
Reverse Voltage
5
V
Operating Temperature
-40°C To +70°C
Storage Temperature
-40°C To +85°C
Lead Solder Temperature [1]
260°C For 3 Seconds
Lead Solder Temperature [2]
260°C For 5 Seconds


Similar Part No. - WP7113ID5V_13

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113ID5V KINGBRIGHT-WP7113ID5V_15 Datasheet
316Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - WP7113ID5V_13

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA08-11EWA KINGBRIGHT-PSA08-11EWA Datasheet
73Kb / 3P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP710A10ID5V KINGBRIGHT-WP710A10ID5V Datasheet
309Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP710A10YD5V KINGBRIGHT-WP710A10YD5V Datasheet
312Kb / 7P
   The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
WP7113YD5V KINGBRIGHT-WP7113YD5V_13 Datasheet
310Kb / 7P
   The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
L1553HDT KINGBRIGHT-L1553HDT Datasheet
178Kb / 6P
   The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode
CA04-41GWA KINGBRIGHT-CA04-41GWA Datasheet
68Kb / 3P
   The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
W934GD5V KINGBRIGHT-W934GD5V Datasheet
84Kb / 3P
   THE GREEN SOURCE COLOR DEVICES ARE MADE WITH GALLIUM PHOSPHIDE GREEN LIGHT EMITTING DIODE
WP7113SGD5V KINGBRIGHT-WP7113SGD5V_13 Datasheet
307Kb / 7P
   The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
WP710A10SGD5V KINGBRIGHT-WP710A10SGD5V Datasheet
307Kb / 7P
   The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
KPC-3216 KINGBRIGHT-KPC-3216 Datasheet
135Kb / 5P
   The High Effciency Red sourse color devices are made with Galium Arsenide Phosphide Orange Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com