Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75118QPWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75118QPWP
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75118QPWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS75118QPWP Datasheet HTML 1Page - Texas Instruments TPS75118QPWP Datasheet HTML 2Page - Texas Instruments TPS75118QPWP Datasheet HTML 3Page - Texas Instruments TPS75118QPWP Datasheet HTML 4Page - Texas Instruments TPS75118QPWP Datasheet HTML 5Page - Texas Instruments TPS75118QPWP Datasheet HTML 6Page - Texas Instruments TPS75118QPWP Datasheet HTML 7Page - Texas Instruments TPS75118QPWP Datasheet HTML 8Page - Texas Instruments TPS75118QPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RF Expansion
Connections
TPS75118
Voltage Regulator
BMP180
Pressure Sensor
RF Expansion
Connections
User
LED
User
Button
User
Button
ISL29023
Light Sensor
SHT21
Humidity Sensor
TMP006
Temp Sensor
MPU9150
9-axis Motion Sensor
1.6 in
2.0 in
User Manual
SPMU290 – April 2013
BOOSTXL-SENSHUB Sensor Hub BoosterPack
The Sensor Hub Booster Pack (BOOSTXL-SENSHUB) is a low-cost extension board for the Tiva™ C
Series TM4C LaunchPad EK-TM4C123GXL evaluation platform for ARM® Cortex™-M4F-based
microcontrollers (MCUs). This extension board, or BoosterPack, is specifically designed to expand the
functionality of the Tiva TM4C LaunchPad. This user’s manual provides an overview of the Sensor Hub
BoosterPack software and hardware
Figure 1 shows a photo of the BOOST-XL-SENSHUB.
Figure 1. BOOSTXL-SENSHUB BoosterPack Extension Board
Contents
1
Board Overview
............................................................................................................. 2
2
Hardware Description
...................................................................................................... 3
3
Software Development
..................................................................................................... 5
4
References, PCB Layout, and Bill of Materials
......................................................................... 6
Tiva, Code Composer Studio are trademarks of Texas Instruments.
TivaWare, Stellaris are registered trademarks of Texas Instruments.
Cortex, Keil are trademarks of ARM Limited.
ARM, RealView are registered trademarks of ARM Limited.
Microsoft, Windows are registered trademarks of Microsoft Corp.
All other trademarks are the property of their respective owners.
1
SPMU290 – April 2013
BOOSTXL-SENSHUB Sensor Hub BoosterPack
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - TPS75118QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75118QPWP TI-TPS75118QPWP Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWP TI1-TPS75118QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWP TI1-TPS75118QPWP Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWP TI1-TPS75118QPWP Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWPG4 TI-TPS75118QPWPG4 Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75118QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
logo
TEXAS ADVANCED OPTOELEC...
BOOSTXL-DRV8301 TAOS-BOOSTXL-DRV8301 Datasheet
4Mb / 13P
   BOOSTXL-DRV8301 HARDWARE
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Texas Instruments
SLAU440 TI1-SLAU440 Datasheet
600Kb / 11P
[Old version datasheet]   430BOOST-TMP006 BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
LAPIS Semiconductor Co....
ML610Q794G LAPIS-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com