Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U.FL-LP-066 Datasheet(PDF) 5 Page - Hirose Electric

Part # U.FL-LP-066
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-066 Datasheet(HTML) 5 Page - Hirose Electric

  U.FL-LP-066 Datasheet HTML 1Page - Hirose Electric U.FL-LP-066 Datasheet HTML 2Page - Hirose Electric U.FL-LP-066 Datasheet HTML 3Page - Hirose Electric U.FL-LP-066 Datasheet HTML 4Page - Hirose Electric U.FL-LP-066 Datasheet HTML 5Page - Hirose Electric U.FL-LP-066 Datasheet HTML 6Page - Hirose Electric U.FL-LP-066 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
sHow to Specify Plug Cable Assembly
Dimensions of U.FL Series assembly products should be made as indicated below.
Double-Ended Cable Assembly
Single-Ended Cable Assembly
U.FL - [] LP - [] - A -
(L)
qOrdering Information
Series name
U.FL
Total Length(mm)
00350<
=L
<
=00200
02000<L<
=00500
05000<L
<
<
=01000
10000<0L
<
=1000
Standard Tolerance (mm)
±04
±08
±12
±1.5%
qTotal Standard Tolerance for Total Length of Cable Assembly
Note: Shortest length L is 35 mm.
L
L
3
1
2
4
1
Assembly type
LP: Single ended
2LP: Double ended
2
Cable type
04 : Dia.0.81mm Coaxial Cable
068 : Dia.1.13mm Coaxial Cable
066 : Dia.1.32mm Coaxial Cable
062 : Dia.1 mm Coaxial Cable
088 : Dia.1.37mm Coaxial Cable
3
Total Length(mm)
Length is expressed in mm units.
Please contact Hirose Sales Representative for cable length and cable end treatment.
4
Part No. of Plug
Part No. of Cable Assembly
Description
U.FL-LP-040
U.FL-LP-068
U.FL-LP-066
U.FL-LP(V)-040
U.FL-LP-062
U.FL-LP-088
U.FL-2LP-04N1-A-(L)
U.FL-2LP-04N2-A-(L)
U.FL-LP-04N1-A-(L)
U.FL-LP-04N2-A-(L)
U.FL-2LP-068N1-A-(L)
U.FL-2LP-068N2-A-(L)
U.FL-LP-068N1-A-(L)
U.FL-LP-068N2-A-(L)
U.FL-2LP-066J1-A-(L)
U.FL-2LP-066J2-A-(L)
U.FL-LP-066J1-A-(L)
U.FL-LP-066J2-A-(L)
U.FL-2LP(V)-04N1-A-(L)
U.FL-2LP(V)-04N2-A-(L)
U.FL-LP(V)-04N1-A-(L)
U.FL-LP(V)-04N2-A-(L)
U.FL-2LP-062N1D-A-(L)
U.FL-2LP-062N2D-A-(L)
U.FL-LP-062N1D-A-(L)
U.FL-LP-062N2D-A-(L)
U.FL-2LP-088K1T-A-(L)
U.FL-2LP-088K2T-A-(L)
U.FL-LP-088K1T-A-(L)
U.FL-LP-088K2T-A-(L)
Dia. 0.81mm double ended coaxial cable, color: white
Dia. 0.81mm double ended coaxial cable, color: black
Dia. 0.81mm single ended coaxial cable, color: white
Dia. 0.81mm single ended coaxial cable, color: black
Dia. 1.13mm double ended coaxial cable, color: gray
Dia. 1.13mm double ended coaxial cable, color: black
Dia. 1.13mm single ended coaxial cable, color: gray
Dia. 1.13mm single ended coaxial cable, color: black
Dia. 1.32mm double ended coaxial cable, color: gray
Dia. 1.32mm double ended coaxial cable, color: black
Dia. 1.32mm single ended coaxial cable, color: gray
Dia. 1.32mm single ended coaxial cable, color: black
Dia. 0.81mm double ended coaxial cable, color: white
Dia. 0.81mm double ended coaxial cable, color: black
Dia. 0.81mm single ended coaxial cable, color: white
Dia. 0.81mm single ended coaxial cable, color: black
Dia. 1mm double ended coaxial cable, color: gray
Dia. 1mm double ended coaxial cable, color: black
Dia. 1mm single ended coaxial cable, color: gray
Dia. 1mm single ended coaxial cable, color: black
Dia. 1.37mm double ended coaxial cable, color: gray
Dia. 1.37mm double ended coaxial cable, color: black
Dia. 1.37mm single ended coaxial cable, color: gray
Dia. 1.37mm single ended coaxial cable, color: black
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - U.FL-LP-066

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-LP-066 HIROSE-U.FL-LP-066 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-066N1-A-L HIROSE-U.FL-LP-066N1-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-066N2-A-L HIROSE-U.FL-LP-066N2-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
More results

Similar Description - U.FL-LP-066

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com