Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1230 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # U1230
Description  Handheld Digital Multimeter (DMM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1230 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button U1230 Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Electrical Specifications
Display update rate (approximate)
Function
Times/second
U1231A
U1232A/U1233A
AC V (V or mV)
5
5
DC V (V or mV)
5
5
AC V/DC V (VZ
LOW)1
1
Scale transfer (mV)
5
5
Ω5
5
Diode
5
5
Capacitance
4 (< 100 μF)
4 (< 100 μF)
DC A (μA, mA, or A)
NA
5
AC A (μA, mA, or A)
NA
5
Frequency
1 (> 10 Hz)
1 (> 10 Hz)


Similar Part No. - U1230

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1230 KEYSIGHT-U1230 Datasheet
2Mb / 13P
   Digital Multimeters (DMMs)
More results

Similar Description - U1230

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
   U1241A/U1242A Handheld Digital Multimeter
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
   Handheld Digital Storage Oscilloscope & Multimeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
DMM7510 TEKTRONIX-DMM7510 Datasheet
1Mb / 27P
   DMM 7510 7쩍-Digit Graphical Sampling Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
34450A KEYSIGHT-34450A Datasheet
2Mb / 12P
   34450A Multimeter 5.5 Digit Dual Display, Benchtop DMM
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
   34401A Digital Multimeter
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com