Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1600 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # U1600
Description  U1600 Series Handheld Digital Oscilloscopes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1600 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button U1600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
OPTIONAL ACCESSORIES
Item
Description
U1168A Standard test lead kit
(with 19-mm and 4-mm probe tips)
•Testleads:CATIII1000V,CATIV600V,15A
•Testprobe(19-mmtips):CATIII1000V,CATIV600V,15A
•Testprobe(4-mmtips):CATIII1000V,CATIV600V,15A
(highly recommended for CAT IV environment)
•AlligatorClips:CATIII1000V,10A
•Finetiptestprobes:CATII300V,3A
•SMTgrabber:CATII300V,3A
•Minigrabber(blackonly):CATII300V,3A
U1161A Extended test lead kit
•Includestwotestleads(redandblack),
two test probes, medium sized alligator clips and
4 mm banana plugs
•Testleads:CATIII1000V,CATIV600V,15A
•TestProbes:CATIII1000V,15A
•MediumSizedAlligatorClips:CATIII600V,10A
•4mmBananaPlugs:CATII600V,10A
U1162A Alligator clips
•Onepairofinsulatedalligatorclips(redandblack)
•RecommendedforusewithAgilentstandardtest
leads
•RatedCATIII1000V,10A
U1163A SMT grabbers
•OnepairofSMTgrabbers(redandblack)
•RecommendedforusewithAgilentstandardtestleads
•RatedCATII300V,3A
U1164A Fine-tip test probes
•Onepairofinsulatedalligatorclips(redandblack)
•RecommendedforusewithAgilent
standard test leads
•RatedCATII300V,3A
U1169A Test probe leads (with
19-mm tips and 4-mm tips)
•Testleads:CATIII1000V,CATIV600V,15A
•Testprobe(19-mmtips):CATIII1000V,CATIV600V,15A
•Testprobe(4-mmtips):CATIII1000V,CATIV600V,15A
(highly recommended for CAT IV environment)
U1181A Immersion temperature
probe
•Type-Kthermocoupleforuseinoilandotherliquids
temperature measurements
•Measurementrange:–50°Cto700°C
•Temperaturemodule(U1586A)isrequiredtoconnect
to DMM inputs of the handheld scope
•U1184ATemperatureprobeadapterincludedforusewith
DMMs
U1182A Industrial surface
temperature probe
•Type-Kthermocoupleforuseinstillsurfacetemperature
measurements
•Measurementrange:–50°Cto400°C
•Temperaturemodule(U1586A)isrequiredtoconnect
to DMM inputs of the handheld scope
•U1184ATemperatureprobeadapterincludedforusewith
DMMs
U1183A Air temperature probe
•Type-Kthermocoupleforuseinairandnon-causticgas
temperature measurements
•Measurementrange:–50°Cto800°C
•Temperaturemodule(U1586A)isrequiredtoconnect
to DMM inputs of the handheld scope
•U1184ATemperatureprobeadapterincludedforusewith
DMMs


Similar Part No. - U1600

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1600 KEYSIGHT-U1600 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1600

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com