Electronic Components Datasheet Search |
|
STM32F102RBT6 Datasheet(PDF) 26 Page - STMicroelectronics |
|
STM32F102RBT6 Datasheet(HTML) 26 Page - STMicroelectronics |
26 / 76 page Electrical characteristics STM32F102x8, STM32F102xB 26/76 Doc ID 15056 Rev 4 5.1.7 Current consumption measurement Figure 9. Current consumption measurement scheme 5.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 5: Voltage characteristics, Table 6: Current characteristics, and Table 7: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. ai14126 VBAT VDD VDDA IDD_VBAT IDD Table 5. Voltage characteristics Symbol Ratings Min Max Unit VDD − VSS External main supply voltage (including VDDA and VDD) (1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. –0.3 4.0 V VIN (2) 2. VIN maximum must always be respected. Refer to Table 6: Current characteristics for the maximum allowed injected current values. Input voltage on five volt tolerant pin VSS − 0.3 VDD + 4.0 Input voltage on any other pin VSS − 0.3 4.0 | ΔVDDx| Variations between different VDD power pins 50 mV |VSSX − VSS| Variations between all the different ground pins 50 VESD(HBM) Electrostatic discharge voltage (human body model) see Section 5.3.11: Absolute maximum ratings (electrical sensitivity) |
Similar Part No. - STM32F102RBT6 |
|
Similar Description - STM32F102RBT6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |