Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA9637AC Datasheet(PDF) 4 Page - Texas Instruments

Part # UA9637AC
Description  DUAL DIFFERENTIAL LINE RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA9637AC Datasheet(HTML) 4 Page - Texas Instruments

  UA9637AC_12 Datasheet HTML 1Page - Texas Instruments UA9637AC_12 Datasheet HTML 2Page - Texas Instruments UA9637AC_12 Datasheet HTML 3Page - Texas Instruments UA9637AC_12 Datasheet HTML 4Page - Texas Instruments UA9637AC_12 Datasheet HTML 5Page - Texas Instruments UA9637AC_12 Datasheet HTML 6Page - Texas Instruments UA9637AC_12 Datasheet HTML 7Page - Texas Instruments UA9637AC_12 Datasheet HTML 8Page - Texas Instruments UA9637AC_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
uA9637AC
DUAL DIFFERENTIAL LINE RECEIVER
SLLS111B – SEPTEMBER 1980 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC +
Output
VCC +
Input
51
392
3.92 k
CL = 30 pF
(see Note A)
Input
(see Note B)
Output
0.5 V
– 0.5 V
50%
50%
tPLH
tPHL
1.5 V
TEST CIRCUIT
VOLTAGE WAVEFORM
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: tr ≤ 5 ns, tf ≤ 5 ns, PRR ≤ 5 MHz, duty cycle = 50%.
Figure 1. Test Circuit and Voltage Waveform
TYPICAL CHARACTERISTICS
Figure 2
– 100
100
–50
0
50
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
VID – Differential Input Voltage – mV
VCC = 4.75 V
TA = 25°C
VIC = 0
VIC = ± 7 V
VIC = 0
VIC = ± 7 V
3
2
1
0
4
3.5
2.5
1.5
0.5
– 75
– 25
25
75
Figure 3
VID – Differential Input Voltage – mV
3
2
1
0
4
50
0
– 50
100
– 100
TA = 25°C
VIC = 0
VIC = ± 7 V
VIC = 0
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
VCC = 5.25 V
VIC = ± 7 V
3.5
2.5
1.5
0.5
–75
– 25
25
75


Similar Part No. - UA9637AC_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9637ACD TI-UA9637ACD Datasheet
277Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9637ACP TI-UA9637ACP Datasheet
277Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results

Similar Description - UA9637AC_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
[Old version datasheet]   Dual Differential Line Receiver
SN75146 TI-SN75146 Datasheet
108Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
   Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
   Dual Differential Line Receiver
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
UA9637AC TI-UA9637AC Datasheet
277Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com