Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS2170N7 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS2170N7
Description  200V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2170N7 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS2170N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 5Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDS2170N7 Rev C3(W)
Typical Characteristics
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
Qg, GATE CHARGE (nC)
ID = 3.0A
VDS = 50V
150V
100V
0
300
600
900
1200
1500
1800
0
40
80
120
160
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 85
oC/W
TA = 25
oC
10ms
1ms
100µs
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 85°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 85 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDS2170N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
More results

Similar Description - FDS2170N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2670 FAIRCHILD-FDP2670 Datasheet
83Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
logo
Guangdong Kexin Industr...
KDB2670 KEXIN-KDB2670 Datasheet
51Kb / 2P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2670 FAIRCHILD-FDS2670 Datasheet
339Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2612 FAIRCHILD-FDD2612 Datasheet
110Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDP2614 FAIRCHILD-FDP2614 Datasheet
349Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2670 FAIRCHILD-FDD2670 Datasheet
95Kb / 5P
   200V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com