Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA9638C Datasheet(PDF) 1 Page - Texas Instruments

Part # UA9638C
Description  DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA9638C Datasheet(HTML) 1 Page - Texas Instruments

  UA9638C_12 Datasheet HTML 1Page - Texas Instruments UA9638C_12 Datasheet HTML 2Page - Texas Instruments UA9638C_12 Datasheet HTML 3Page - Texas Instruments UA9638C_12 Datasheet HTML 4Page - Texas Instruments UA9638C_12 Datasheet HTML 5Page - Texas Instruments UA9638C_12 Datasheet HTML 6Page - Texas Instruments UA9638C_12 Datasheet HTML 7Page - Texas Instruments UA9638C_12 Datasheet HTML 8Page - Texas Instruments UA9638C_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
uA9638C
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SLLS112C − OCTOBER 1980 − REVISED APRIL 1994
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds ANSI Standard
EIA / TIA-422-B
D Operates From a Single 5-V Power Supply
D Drives Loads as Low as 50 Ω up
to 15 Mbps
D TTL- and CMOS-Input Compatibility
D Output Short-Circuit Protection
D Interchangeable With National
Semiconductor
™ DS9638
description
The uA9638C is a dual high-speed differential line driver designed to meet ANSI Standard EIA/ TIA-422-B. The
inputs are TTL and CMOS compatible and have input clamp diodes. Schottky-diode-clamped transistors are
used to minimize propagation delay time. This device operates from a single 5-V power supply and is supplied
in an 8-pin package.
The uA9638 provides the current needed to drive low-impedance loads at high speeds. Typically used with
twisted-pair cabling and differential receiver(s), base-band data transmission can be accomplished up to and
exceeding 15 Mbps in properly designed systems. The uA9637A dual line receiver is commonly used as the
receiver. For even faster switching speeds in the same pin configuration, see the SN75ALS191.
The uA9638C is characterized for operation from 0
°C to 70°C.
logic symbol
This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
2A
1A
5
6
7
8
2Z
2Y
1Z
1Y
3
2
logic diagram
2Z
2Y
1Z
1Y
3
2
2A
1A
5
6
7
8
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
National Semiconductor is a trademark of National Semiconductor Corporation.
1
2
3
4
8
7
6
5
VCC
1A
2A
GND
1Y
1Z
2Y
2Z
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - UA9638C_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP Datasheet
518Kb / 11P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638CD TI-UA9638CD Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638CIDREP TI1-UA9638CIDREP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results

Similar Description - UA9638C_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com