Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAF42APG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UAF42APG4
Description  UNIVERSAL ACTIVE FILTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UAF42APG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UAF42APG4 Datasheet HTML 2Page - Texas Instruments UAF42APG4 Datasheet HTML 3Page - Texas Instruments UAF42APG4 Datasheet HTML 4Page - Texas Instruments UAF42APG4 Datasheet HTML 5Page - Texas Instruments UAF42APG4 Datasheet HTML 6Page - Texas Instruments UAF42APG4 Datasheet HTML 7Page - Texas Instruments UAF42APG4 Datasheet HTML 8Page - Texas Instruments UAF42APG4 Datasheet HTML 9Page - Texas Instruments UAF42APG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
A
1
R
2
50kW
A
2
A
3
R
4
50kW
11
R
1
50kW
R
F1
R
F2
C
1
1000pF
C
2
1000pF
3
13
8
7
14
R
Q
LPOut
BPOut
HPOut
1
12
50kW
R
G
V
IN
2
R R
G
Q
DesignEquations
1.
=
wn
2
R
2
R R
R
C C
1
F1
F2
1
2
2.Q =
R (R + R )
4
G
Q
1+
R
1
R
2
1+
R R
C
2
F1
1
R R
C
1
F2
2
1/2
3.QA
=QA
LP
HP
R R
C
1
F1
1
R R
C
2
F2
2
1/2
R
1
R
2
=A
BP
R
2
4.A
=
LP
R
1
1+
R
G
R
G
1
+
R
Q
1
+
R
4
1
R
1
5.A
=
HP
R
2
1+
R
G
R
G
1
+
R
Q
1
+
R
4
1
R
1
R
2
A
=
LP
6.A
=
BP
R
G
R
4
UAF42
Note:IfR =50k ,theexternalgain-setting
resistorcanbeeliminatedbyconnectingV
topin2.
W
G
IN
PinnumbersareforDIP
package.SOIC-16pinout
isdifferent.
UAF42
SBFS002B – JULY 1992 – REVISED OCTOBER 2010
www.ti.com
Figure 1. Noninverting Pole-Pair
6
Submit Documentation Feedback
Copyright © 1992–2010, Texas Instruments Incorporated
Product Folder Link(s): UAF42


Similar Part No. - UAF42APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42AP BURR-BROWN-UAF42AP Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
More results

Similar Description - UAF42APG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UAF42 TI1-UAF42_14 Datasheet
273Kb / 14P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
logo
National Semiconductor ...
AF100 NSC-AF100 Datasheet
578Kb / 18P
   UNIVERSAL ACTIVE FILTER
AF151 NSC-AF151 Datasheet
268Kb / 9P
   DUAL UNIVERSAL ACTIVE FILTER
logo
Mixed Signal Integratio...
MSUF MSI-MSUF Datasheet
709Kb / 8P
   Resistor Programmable Universal Active Filter
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
   High Frequency Resistor Programmable Universal Active Filter
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
569Kb / 14P
   FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
UAF11 BURR-BROWN-UAF11 Datasheet
680Kb / 8P
   UNIVERSAL ACTIVE FILTERS
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com