Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78L05CDRE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L05CDRE4
Description  POSITIVE-VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L05CDRE4 Datasheet(HTML) 4 Page - Texas Instruments

  UA78L05CDRE4 Datasheet HTML 1Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 2Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 3Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 4Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 5Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 6Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 7Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 8Page - Texas Instruments UA78L05CDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
µA78L00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over virtual junction temperature range (unless otherwise noted)
Input voltage, VI: µA78L02AC, µA78L05C−µA78L09C, µA78L10AC
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
µA78L12C, µA78L12AC, µA78L15C, µA78L15AC
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
package thermal data (see Note 1)
PACKAGE
BOARD
θJC
θJA
SOIC (D)
High K, JESD 51-7
39
°C/W
97
°C/W
TO-92/TO-226AA (LP)
High K, JESD 51-7
55
°C/W
140
°C/W
SOT-89 (PK)
High K, JESD 51-7
9
°C/W
52
°C/W
NOTE 1: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in
individual device electrical characteristics and thermal resistance, the built-in thermal-overload protection may be activated at power
levels slightly above or below the rated dissipation.
recommended operating conditions
MIN
MAX
UNIT
µA78L02AC
4.75
20
µA78L05C, µA78L05AC
7
20
µA78L06C, µA78L06AC
8.5
20
V
Input voltage
µA78L08C, µA78L08AC
10.5
23
V
VI
Input voltage
µA78L09C, µA78L09AC
11.5
24
V
µA78L10AC
12.5
25
µA78L12C, µA78L12AC
14.5
27
µA78L15C, µA78L15AC
17.5
30
IO
Output current
100
mA
T
Operating virtual junction temperature range
µA78LxxC and µA78LxxAC series
0
125
°C
TJ
Operating virtual junction temperature range
µA78L05AI
−40
125
°C


Similar Part No. - UA78L05CDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L05CDRE4 TI-UA78L05CDRE4 Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05CDRE4 TI-UA78L05CDRE4 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L05CDRE4 TI-UA78L05CDRE4 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05CDRE4 TI-UA78L05CDRE4 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05CDRE4 TI-UA78L05CDRE4 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L05CDRE4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com