Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS3570 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS3570
Description  80V N-Channel PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3570 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS3570 Datasheet HTML 1Page - Fairchild Semiconductor FDS3570 Datasheet HTML 2Page - Fairchild Semiconductor FDS3570 Datasheet HTML 3Page - Fairchild Semiconductor FDS3570 Datasheet HTML 4Page - Fairchild Semiconductor FDS3570 Datasheet HTML 5Page - Fairchild Semiconductor FDS3570 Datasheet HTML 6Page - Fairchild Semiconductor FDS3570 Datasheet HTML 7Page - Fairchild Semiconductor FDS3570 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS3570Rev.B
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA80
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C77
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage Current
Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current
Reverse
VGS = -20 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA2
2.4
4
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C-7
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 9 A
VGS = 10 V, ID = 9 A, TJ = 125
°C
VGS = 6 V, ID = 8.4 A
0.015
0.027
0.016
0.019
0.038
0.022
ID(on)
On-State Drain Current
VGS = 10 V, VDS = 5 V
25
A
gFS
Forward Transconductance
VDS = 5 V, ID = 7.6 A
40
S
Dynamic Characteristics
Ciss
Input Capacitance
2750
pF
Coss
Output Capacitance
280
pF
Crss
Reverse Transfer Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
140
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
20
32
ns
tr
Turn-On Rise Time
12
24
ns
td(off)
Turn-Off Delay Time
60
95
ns
tf
Turn-Off Fall Time
VDD = 40 V, ID = 1 A,
VGS = 10 V, RGEN = 6
24
38
ns
Qg
Total Gate Charge
54
76
nC
Qgs
Gate-Source Charge
9.6
nC
Qgd
Gate-Drain Charge
VDS = 40 V, ID = 9 A,
VGS = 10 V
14
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
2.1
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 2.1 A
(Note 2)
0.72
1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
a) 50° C/W when
mounted on a 1 in2
pad of 2 oz. copper.
b) 105° C/W when
mounted on a 0.04 in2
pad of 2 oz. copper.
c) 125° C/W when
mounted on a minimum
pad.


Similar Part No. - FDS3570

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3570 FAIRCHILD-FDS3570 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS3570

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3580 FAIRCHILD-FDS3580_00 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3580 FAIRCHILD-FDD3580 Datasheet
125Kb / 5P
   80V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com