Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS3580 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS3580
Description  80V N-Channel PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3580 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS3580 Datasheet HTML 1Page - Fairchild Semiconductor FDS3580 Datasheet HTML 2Page - Fairchild Semiconductor FDS3580 Datasheet HTML 3Page - Fairchild Semiconductor FDS3580 Datasheet HTML 4Page - Fairchild Semiconductor FDS3580 Datasheet HTML 5Page - Fairchild Semiconductor FDS3580 Datasheet HTML 6Page - Fairchild Semiconductor FDS3580 Datasheet HTML 7Page - Fairchild Semiconductor FDS3580 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDS3580 Rev. B
FDS3580
80V N-Channel PowerTrenchTM MOSFET
April 1999
PRELIMINARY
©1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
80
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
- Continuous
(Note 1a)
7.6
A
- Pulsed
50
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDS3580
FDS3580
13’’
12mm
2500 units
6
7
8
5
3
2
1
4
S
D
S
S
SO-8
D
D
D
G
General Description
This N-Channel MOSFET has been designed specifically
to improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers.
These MOSFETs feature faster switching and lower gate
charge than other MOSFETs with comparable R
DS(ON)
specifications.
The result is a MOSFET that is easy and safer to drive
(even at very high frequencies), and DC/DC power supply
designs with higher overall efficiency.
Features
7.6 A, 80 V. R
DS(ON
)
= 0.027
Ω @ V
GS = 10 V
R
DS(ON) = 0.031 Ω @ VGS = 6 V.
Low gate charge (34nC typical).
Fast switching speed.
High performance trench technology for extremely
low R
DS(ON).
High power and current handling capability.


Similar Part No. - FDS3580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3580 FAIRCHILD-FDS3580 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3580 FAIRCHILD-FDS3580_00 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS3580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6030BL FAIRCHILD-FDD6030BL Datasheet
107Kb / 5P
   N-Channel PowerTrenchTM MOSFET
FDC5612 FAIRCHILD-FDC5612 Datasheet
244Kb / 8P
   60V N-Channel PowerTrenchTM MOSFET
FDP5690 FAIRCHILD-FDP5690 Datasheet
391Kb / 16P
   60V N-Channel PowerTrenchTM MOSFET
FDD5670 FAIRCHILD-FDD5670 Datasheet
106Kb / 5P
   60V N-Channel PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com