Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS3682 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDS3682
Description  N-Channel PowerTrench MOSFET 100V, 6A, 35m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3682 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDS3682 Datasheet HTML 3Page - Fairchild Semiconductor FDS3682 Datasheet HTML 4Page - Fairchild Semiconductor FDS3682 Datasheet HTML 5Page - Fairchild Semiconductor FDS3682 Datasheet HTML 6Page - Fairchild Semiconductor FDS3682 Datasheet HTML 7Page - Fairchild Semiconductor FDS3682 Datasheet HTML 8Page - Fairchild Semiconductor FDS3682 Datasheet HTML 9Page - Fairchild Semiconductor FDS3682 Datasheet HTML 10Page - Fairchild Semiconductor FDS3682 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDS3682 Rev. B
SPICE Thermal Model
REV June 2002
FDS3682
Copper Area =1.0 in
2
CTHERM1 TH 8 4.0e-4
CTHERM2 8 7 5.0e-3
CTHERM3 7 6 6.0e-2
CTHERM4 6 5 9.0e-2
CTHERM5 5 4 3.0e-1
CTHERM6 4 3 4.0e-1
CTHERM7 3 2 9.0e-1
CTHERM8 2 TL 2.0e0
RTHERM1 TH 8 5.0e-1
RTHERM2 8 7 6.0e-1
RTHERM3 7 6 4.0e0
RTHERM4 6 5 5.0e0
RTHERM5 5 4 8.0e0
RTHERM6 4 3 9.0e0
RTHERM7 3 2 15.0e0
RTHERM8 2 TL 23.0e0
SABER Thermal Model
Copper Area = 1.0 in
2
template thermal_model th tl
thermal_c th, tl
{
CTHERM1 TH 8 4.0e-4
CTHERM2 8 7 5.0e-3
CTHERM3 7 6 6.0e-2
CTHERM4 6 5 9.0e-2
CTHERM5 5 4 3.0e-1
CTHERM6 4 3 4.0e-1
CTHERM7 3 2 9.0e-1
CTHERM8 2 TL 2.0e0
RTHERM1 TH 8 5.0e-1
RTHERM2 8 7 6.0e-1
RTHERM3 7 6 4.0e0
RTHERM4 6 5 5.0e0
RTHERM5 5 4 8.0e0
RTHERM6 4 3 9.0e0
RTHERM7 3 2 15.0e0
RTHERM8 2 TL 23.0e0
}
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
CASE
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8
TABLE 1. THERMAL MODELS
COMPONANT
0.04 in
2
0.28 in
2
0.52 in
2
0.76 in
2
1.0 in
2
CTHERM6
3.2e-1
3.5e-1
4.0e-1
4.0e-1
4.0e-1
CTHERM7
8.5e-1
9.0e-1
9.0e-1
9.0e-1
9.0e-1
CTHERM8
0.3
1.8
2.0
2.0
2.0
RTHERM6
24181210
9
RTHERM7
36211816
15
RTHERM8
53373028
23


Similar Part No. - FDS3682

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS3682

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com