Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2577TD-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Part # UC2577TD-ADJ
Description  Simple Step-Up Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2577TD-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  UC2577TD-ADJ Datasheet HTML 1Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 2Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 3Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 4Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 5Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 6Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 7Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 8Page - Texas Instruments UC2577TD-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2. Inductor Selection (L)
A. Preliminary Calculations
To select the inductor, the calculation of the following
three parameters is necessary:
Dmax, the maximum switch duty cycle (0
≤ D ≤ 0.9):
Dmax
=
VOUT
+ VF − VINmin
VOUT
+ VF − 0.6V
where typically VF = 0.5V for Schottky diodes and VF =
0.8V for fast recovery diodes.
E
• T, the product of volts • time that charges the induc-
tor:
E
• T =
Dmax
• (VINmin − 0.6V)106
52,000Hz
(V• µs)
IIND, DC, the average inductor current under full load:
IIND, DC
=
1.05
• ILOADmax
1
− Dmax
B. Identify Inductor Value:
1. From Figure 4, identify the inductor code for the region
indicated by the intersection of E
• T and IIND, DC. This
code gives the inductor value in microhenries. The L or H
prefix signifies whether the inductor is rated for a maxi-
mum E
• T of 90Vµs (L) or 250Vµs (H).
2. If D < 0.85, go to step C. If D
≥ 0.85, calculate the
minimum inductance needed to ensure the switching
regulator’s stability:
0.3
0.4 0.45
0.35
0.5 0.6 0.7 0.8 0.9 1.0
1.5
2.0
2.5
3.0
20
30
35
25
40
45
50
60
70
80
90
100
200
150
L47
L68
L100
L150
L220
L330
H2200
L680
H1500
H1000
H680
H470
H330
H220
H150
L470
IIND, DC (A)
Figure 4. Inductor Selection Graph
If Lmin is smaller than the inductor values found in step
B1, go on to step C. Otherwise, the inductor value found
in step B1 is too low; an appropriate inductor code
should be obtained from the graph as follows:
1.
Find the lowest value inductor that is greater than
Lmin .
2.
Find where E
• T intersects this inductor value to
determine if it has an L or H prefix. If E
• T intersects
both the L and H regions, select the inductor with an
H prefix.
C.
Inductor Selection
Select an inductor from the table of Figure 5 which cross
references the inductor codes to the part numbers of the
three different manufacturers. The inductors listed in this
table have the following characteristics:
AIE (ferrite, pot-core inductors): Benefits of this type
are low etectromagnetic interference (EMI), small
physical size, and very low power dissipation (core
loss).
Pulse (powdered iron, toroid core inductors): Bene-
fits are low EMI and ability to withstand E
• T and
peak current above rated value better than ferrite
cores.
Renco (ferrite, bobbin-core inductors): Benefits are
low cost and best ability to withstand E
• T and peak
current above rated value. Be aware that these in-
ductors generate more EMI than the other types, and
this may interfere with signals sensitive to noise.
UC2577-ADJ
Note: This chart assumes that the inductor ripple current inductor is approximately 20% to 30% of the average inductor current
(when the regulator is under full load). Greater ripple current causes higher peak switch currents and greater output ripple volt-
age. Lower ripple current is achieved with larger value inductors. The factor of 20% to 30% is chosen as a convenient balance
between the two extremes.
APPLICATIONS INFORMATION (cont.)
5


Similar Part No. - UC2577TD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2577TD-ADJ TI-UC2577TD-ADJ Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
More results

Similar Description - UC2577TD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM15777 NSC-LM15777 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR61428 TI1-LMR61428 Datasheet
973Kb / 16P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in MSOP
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com