Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2572DTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2572DTR
Description  Negative Output Flyback Pulse Width Modulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2572DTR Datasheet(HTML) 1 Page - Texas Instruments

  UC2572DTR Datasheet HTML 1Page - Texas Instruments UC2572DTR Datasheet HTML 2Page - Texas Instruments UC2572DTR Datasheet HTML 3Page - Texas Instruments UC2572DTR Datasheet HTML 4Page - Texas Instruments UC2572DTR Datasheet HTML 5Page - Texas Instruments UC2572DTR Datasheet HTML 6Page - Texas Instruments UC2572DTR Datasheet HTML 7Page - Texas Instruments UC2572DTR Datasheet HTML 8Page - Texas Instruments UC2572DTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC1572
UC2572
UC3572
DESCRIPTION
The UC3572 is a negative output flyback pulse width modulator which con-
verts a positive input voltage to a regulated negative output voltage. The
chip is optimized for use in a single inductor negative flyback switching con-
verter employing an external PMOS switch. The block diagram consists of
a precision reference, an error amplifier configured for voltage mode opera-
tion, an oscillator, a PWM comparator with latching logic, and a 0.5A peak
gate driver. The UC3572 includes an undervoltage lockout circuit to insure
sufficient input supply voltage is present before any switching activity can
occur, and a pulse-by-pulse current limit. Output current can be sensed and
limited to a user determined maximum value. The UVLO circuit turns the
chip off when the input voltage is below the UVLO threshold. In addition, a
sleep comparator interfaces to the UVLO circuit to turn the chip off. This re-
duces the supply current to only 50
µA, making the UC3572 ideal for battery
powered applications.
Negative Output Flyback Pulse Width Modulator
FEATURES
• Simple Single Inductor Flyback PWM
for Negative Voltage Generation
• Drives External PMOS Switch
• Contains UVLO Circuit
• Includes Pulse-by-Pulse Current Limit
• Low 50µA Sleep Mode Current
SLUS275A - MARCH 1999 - REVISED AUGUST 2001
BLOCK DIAGRAM
UDG-94094-2


Similar Part No. - UC2572DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2572 TI-UC2572 Datasheet
129Kb / 5P
[Old version datasheet]   Negative Output Flyback Pulse Width Modulator
More results

Similar Description - UC2572DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1572 TI-UC1572 Datasheet
129Kb / 5P
[Old version datasheet]   Negative Output Flyback Pulse Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com