Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2577TDTR-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Part # UC2577TDTR-ADJ
Description  Simple Step-Up Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2577TDTR-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  UC2577TDTR-ADJ Datasheet HTML 1Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 2Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 3Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 4Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 5Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 6Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 7Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 8Page - Texas Instruments UC2577TDTR-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
System Parameters
Circuit Figure 1 (Note 3)
Output Voltage
VIN = 5V to 10V, ILOAD = 100mA to 800mA
11.40
12.0
12.60
V
TJ = 25
°C
11.60
12.40
V
Line Regulation
VIN = 3.0V to 10V, ILOAD = 300mA
20
100
mV
TJ = 25
°C50
mV
Load Regulation
VIN = 5V, ILOAD = 100mA to 800mA
20
100
mV
TJ = 25
°C50
mV
Efficiency
VIN = 5V, ILOAD = 800mA
80
%
Device Parameters
Input Supply Current
VFB = 1.5V (Switch Off)
7.5
14
mA
TJ = 25
°C10
mA
ISWITCH = 2.0A, VCOMP = 2.0V (Max Duty Cycle)
45
85
mA
TJ = 25
°C70
mA
Input Supply UVLO
ISWITCH = 100mA
2.70
2.95
V
TJ = 25
°C2.85
V
Oscillator Frequency
Measured at SWITCH Pin, ISWITCH = 100mA
42
52
62
kHz
TJ = 25
°C48
56
kHz
Reference Voltage
Measured at FB Pin, VIN = 3.0V to 40V, VCOMP = 1.0V
1.206
1.230
1.254
V
TJ = 25
°C
1.214
1.246
V
Reference Voltage Line Regulation
VIN = 3.0V to 40V
0.5
mV
Error Amp Input Bias Current
VCOMP = 1.0V
100
800
nA
TJ = 25
°C
300
nA
Error Amp Transconductance
ICOMP =
−30µA to +30µA, VCOMP = 1.0V
1600
3700
5800
µmho
TJ = 25
°C
2400
4800
µmho
Error Amp Voltage Gain
VCOMP = 0.8V to 1.6V, RCOMP = 1.0MW (Note 4)
250
800
V/V
TJ = 25
°C
500
V/V
Error Amplifier Output Swing
Upper Limit VFB = 1.0V
2.0
2.4
V
TJ = 25
°C2.2
V
Lower Limit VFB = 1.5V
0.3
0.55
V
TJ = 25
°C0.40
V
Error Amp Output Current
VFB = 1.0V to 1.5V, VCOMP = 1.0V
±90
±200
±400
µA
TJ = 25
°C
±130
±300
µA
Soft Start Current
VFB = 1.0V, VCOMP = 0.5V
1.5
5.0
9.5
µA
TJ = 25
°C2.5
7.5
µA
Maximum Duty Cycle
VCOMP = 1.5V, ISWITCH = 100mA
90
95
%
TJ = 25
°C93
%
Unless otherwise stated, these specifications apply for TA =
−40°C to +125°C, VIN =
5V, VFB = VREF, ISWITCH = 0, and TA =TJ.
ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING RANGE
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V
Output Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65V
Output Switch Current (Note 2) . . . . . . . . . . . . . . . . . . . . . 6.0A
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . Internally Limited
Storage Temperature Range . . . . . . . . . . . . .
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . . 260
°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . 150
°C
Minimum ESD Rating (C = 100pF, R = 15k
Ω) . . . . . . . . . . . 2kV
ABSOLUTE MAXIMUM RATINGS (Note 1)
UC2577-ADJ
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . 3.0V
≤ VIN ≤ 40V
Output Switch Voltage . . . . . . . . . . . . . . . 0V
≤ VSWITCH ≤ 60V
Output Switch Current . . . . . . . . . . . . . . . . . . . . ISWITCH
≤ 3.0A
Junction Temperature Range . . . . . . . . . .
−40°C ≤ TJ ≤ +125°C
2


Similar Part No. - UC2577TDTR-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2577TD-ADJ TI-UC2577TD-ADJ Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
More results

Similar Description - UC2577TDTR-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM15777 NSC-LM15777 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR61428 TI1-LMR61428 Datasheet
973Kb / 16P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in MSOP
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com