Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA317 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA317
Description  3-Terminal Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA317 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA317 Datasheet HTML 1Page - Fairchild Semiconductor KA317 Datasheet HTML 2Page - Fairchild Semiconductor KA317 Datasheet HTML 3Page - Fairchild Semiconductor KA317 Datasheet HTML 4Page - Fairchild Semiconductor KA317 Datasheet HTML 5Page - Fairchild Semiconductor KA317 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA317
2
Absolute Maximum Ratings
Electrical Characteristics
(VI-VO= 5V, IO= 0.5A, 0°C ≤ TJ ≤ +125°C, IMAX = 1.5A, PDMAX = 20W, unless otherwise specified)
Note :
1. Load and line regulation are specified at constant junction temperature. Change in VD due to heating effects must be taken
into account separately. Pulse testing with low duty is used. (PMAX = 20W)
2. CADJ , when used, is connected between the adjustment pin and ground.
3. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Value
Unit
Input-Output Voltage Differential
VI - VO
40
V
Lead Temperature
TLEAD
230
°C
Power Dissipation
PD
Internally limited
W
Thermal Resistance Junction to Case
R
θJC
5
°C/W
Operating Junction Temperature Range
Tj
0 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +125
°C
Temperature Coefficient of Output Voltage
ΔVo/ΔT
±0.02
%/
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Line Regulation (Note1)
Rline
TA = +25°C
3V
≤ VI - VO ≤ 40V
-
0.01
0.04
%/V
3V
≤ VI - VO ≤ 40V
-
0.02
0.07
%/V
Load Regulation (Note1)
Rload
TA = +25°C, 10mA ≤IO ≤ IMAX
VO< 5V
VO ≥ 5V
-
-
18
0.4
25
0.5
mV
%/VO
10mA
≤ IO ≤ IMAX
VO < 5V
VO ≥ 5V
-
-
40
0.8
70
1.5
mV
%/VO
Adjustable Pin Current
IADJ
--
46
100
μA
Adjustable Pin Current Change
ΔIADJ
3V
≤ VI - VO ≤ 40V
10mA
≤ IO ≤ IMAX
PD ≤ PMAX
-2.0
5
μA
Reference Voltage
VREF
3V
≤ VIN - VO ≤ 40V
10mA
≤ IO ≤ IMAX
PD ≤ PMAX
1.20
1.25
1.30
V
Temperature Stability (Note3)
STT
--
0.7
-
%/VO
Minimum Load Current to Maintain
Regulation
IL(MIN)
VI - VO = 40V
-
3.5
12
mA
Maximum Output Current
IO(MAX)
VI - VO ≤ 15V, PD ≤ PMAX
VI - VO ≤ 40V, PD ≤ PMAX
TA=25°C
1.5
-
2.2
0.3
-
-
A
A
RMS Noise, % of VOUT (Note3)
eN
TA= +25°C, 10Hz ≤ f ≤ 10kHz
-
0.003
0.01
%/VO
Ripple Rejection (Note3)
RR
VO = 10V, f = 120Hz
without CADJ
CADJ = 10μF (Note2)
-
66
60
75
-
-
dB
dB
Long-Term Stability, TJ = THIGH
ST
TA = +25°C for end point
measurements, 1000HR
-0.3
1
%


Similar Part No. - KA317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317 FAIRCHILD-KA317 Datasheet
67Kb / 6P
   Adjustable Voltage Regulator (Positive)
KA317 FAIRCHILD-KA317 Datasheet
36Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
   3-Terminal Positive Adjustable Regulator
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
   3-Terminal Positive Adjustable Regulator
KA317HV FAIRCHILD-KA317HV Datasheet
53Kb / 8P
   3-Terminal Positive Adjustable Regulator
More results

Similar Description - KA317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM317AHV FAIRCHILD-LM317AHV Datasheet
47Kb / 6P
   3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV_09 Datasheet
132Kb / 6P
   3-Terminal Positive Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317S TGS-LM317S Datasheet
109Kb / 1P
   3-Terminal Positive Adjustable Regulator
logo
NEC
UPC317 NEC-UPC317 Datasheet
71Kb / 6P
   3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317MDT TGS-LM317MDT Datasheet
51Kb / 1P
   3-Terminal Positive Adjustable Regulator
LM317T TGS-LM317T Datasheet
76Kb / 1P
   3-Terminal Positive Adjustable Regulator
logo
Fairchild Semiconductor
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
   3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
   3-Terminal Positive Adjustable Regulator
KA317HV FAIRCHILD-KA317HV Datasheet
53Kb / 8P
   3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317_09 Datasheet
106Kb / 6P
   3-Terminal Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com