Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7630 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA7630
Description  Fixed Multi-Output Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7630 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  KA7630 Datasheet HTML 1Page - Fairchild Semiconductor KA7630 Datasheet HTML 2Page - Fairchild Semiconductor KA7630 Datasheet HTML 3Page - Fairchild Semiconductor KA7630 Datasheet HTML 4Page - Fairchild Semiconductor KA7630 Datasheet HTML 5Page - Fairchild Semiconductor KA7630 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KA7630/KA7631
11/12/02 0.0m 001
Stock#DSxxxxxxxx
 2002 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.


Similar Part No. - KA7630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7630 FAIRCHILD-KA7630 Datasheet
71Kb / 6P
   Fixed Multi-Output Regulator
More results

Similar Description - KA7630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7630 FAIRCHILD-KA7630 Datasheet
71Kb / 6P
   Fixed Multi-Output Regulator
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630_05 Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
GM7631 GAMMA-GM7631 Datasheet
176Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
logo
List of Unclassifed Man...
GM7630 ETC-GM7630 Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7632 GAMMA-GM7632 Datasheet
147Kb / 8P
   FIXED MULTI - OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7632 FAIRCHILD-KA7632 Datasheet
102Kb / 8P
   Fixed Multi-output Regulator
logo
First Components Intern...
FMR7632 FCI-FMR7632 Datasheet
1Mb / 6P
   500mA 20V Fixed Multi-Output Regulator
F7632 FCI-F7632 Datasheet
104Kb / 6P
   Fixed Multi-output Positive Voltage Regulator
F7630 FCI-F7630 Datasheet
544Kb / 5P
   Fixed Multi-output Positive Voltage Regulator
F7631 FCI-F7631 Datasheet
223Kb / 5P
   0.5Amp Fixed Multi-output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com