Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA63 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPSA63
Description  Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA63 Datasheet(HTML) 1 Page - Motorola, Inc

  MPSA63 Datasheet HTML 1Page - Motorola, Inc MPSA63 Datasheet HTML 2Page - Motorola, Inc MPSA63 Datasheet HTML 3Page - Motorola, Inc MPSA63 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Darlington Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
MPSA62
MPSA63
MPSA64
Unit
Collector – Emitter Voltage
VCES
–20
–30
Vdc
Collector – Base Voltage
VCBO
–20
–30
Vdc
Emitter – Base Voltage
VEBO
–10
Vdc
Collector Current — Continuous
IC
–500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –100 µAdc, VBE = 0)
MPSA62
MPSA63, MPSA64
V(BR)CES
–20
–30
Vdc
Collector Cutoff Current
(VCB= –15 Vdc, IE = 0)
MPSA62
(VCB = –30 Vdc, IE = 0)
MPSA63, MPSA64
ICBO
–100
–100
nAdc
Emitter Cutoff Current
(VEB = –10 Vdc, IC = 0)
IEBO
–100
nAdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPSA62/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSA62
thru
MPSA64
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
*Motorola Preferred Device
*
MPSA55, MPSA56
For Specifications,
See MPSA05, MPSA06 Data
© Motorola, Inc. 1996
COLLECTOR 3
BASE
2
EMITTER 1


Similar Part No. - MPSA63

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA63 ONSEMI-MPSA63 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Fairchild Semiconductor
MPSA63 FAIRCHILD-MPSA63 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
KEC(Korea Electronics)
MPSA63 KEC-MPSA63 Datasheet
66Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
MPSA63 CENTRAL-MPSA63 Datasheet
20Kb / 1P
   Small Signal Transistors
More results

Similar Description - MPSA63

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
   Darlington Transistor
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
   Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
   DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
   Darlington Transistor
KST63 FAIRCHILD-KST63 Datasheet
53Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MPSA28 MOTOROLA-MPSA28 Datasheet
130Kb / 4P
   Darlington Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com