Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7809ERTM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA7809ERTM
Description  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7809ERTM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA7809ERTM Datasheet HTML 1Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 2Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 3Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 4Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 5Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 6Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 7Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 8Page - Fairchild Semiconductor KA7809ERTM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.5
Block Diagram
Figure 1.
Pin Assignment
Figure 2.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VI
Input Voltage
VO = 5V to 18V
35
V
VO = 24V
40
RθJC
Thermal Resistance Junction-Cases (TO-220)
5
°C/W
RθJA
Thermal Resistance Junction-Air (TO-220)
65
°C/W
TOPR
Operating Temperature Range (KA78XXE/AE/ER)
0 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Starting
Circuit
Input
1
Reference
Voltage
Current
Generator
SOA
Protection
Thermal
Protection
Series Pass
Element
Error
Amplifier
Output
3
GND
2
1
1. Input
2. GND
3. Output
1
GND
TO-220
D-PAK
GND
(Dual Gauge)


Similar Part No. - KA7809ERTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7809ERTM FAIRCHILD-KA7809ERTM Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
logo
ON Semiconductor
KA7809ERTM ONSEMI-KA7809ERTM Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
More results

Similar Description - KA7809ERTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com