Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP465X Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP465X
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP465X Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP465X Datasheet HTML 44Page - Microchip Technology MCP465X Datasheet HTML 45Page - Microchip Technology MCP465X Datasheet HTML 46Page - Microchip Technology MCP465X Datasheet HTML 47Page - Microchip Technology MCP465X Datasheet HTML 48Page - Microchip Technology MCP465X Datasheet HTML 49Page - Microchip Technology MCP465X Datasheet HTML 50Page - Microchip Technology MCP465X Datasheet HTML 51Page - Microchip Technology MCP465X Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
MCP453X/455X/463X/465X
DS22096B-page 48
 2008-2013 Microchip Technology Inc.
6.2.7
GENERAL CALL
The General Call is a method that the “Master” device
can communicate with all other “Slave” devices. In a
Multi-Master application, the other Master devices are
operating in Slave mode. The General Call address
has two documented formats. These are shown in
Figure 6-11. We have added a MCP45XX/46XX format
in this figure as well.
This will allow customers to have multiple I2C Digital
Potentiometers on the bus and have them operate in a
synchronous fashion (analogous to the DAC Sync pin
functionality). If these MCP45XX/46XX 7-bit com-
mands conflict with other I2C devices on the bus, then
the customer will need two I2C busses and ensure that
the devices are on the correct bus for their desired
application functionality.
Dual Pot devices cannot update both Pot0 and Pot1
from a single command. To address this, there are
General Call commands for the Wiper 0, Wiper 1, and
the TCON registers.
Table 6-3 shows the General Call commands. Three
commands are specified by the I2C specification and
are not applicable to the MCP45XX/46XX (so com-
mand is Not Acknowledged) The MCP45XX/46XX
General Call commands are Acknowledge. Any other
command is Not Acknowledged.
TABLE 6-3:
GENERAL CALL COMMANDS
Note:
There is only one General Call command
per General Call control byte (address).
Any additional General Call commands
are ignored and Not Acknowledged.
7-bit
Command
(1, 2, 3)
Comment
‘1000 00d’b
Write Next Byte (Third Byte) to
Volatile Wiper 0 Register
‘1001 00d’b
Write Next Byte (Third Byte) to
Volatile Wiper 1 Register
‘1100 00d’b
Write Next Byte (Third Byte) to
TCON Register
‘1000 010’b
or
‘1000 011’b
Increment Wiper 0 Register
‘1001 010’b
or
‘1001 011’b
Increment Wiper 1 Register
‘1000 100’b
or
‘1000 101’b
Decrement Wiper 0 Register
‘1001 100’b
or
‘1001 101’b
Decrement Wiper 1 Register
Note 1:
Any other code is Not Acknowledged.
These codes may be used by other
devices on the I2C bus.
2:
The 7-bit command always appends a “0”
to form 8-bits. .
3:
“d” is the D8 bit for the 9-bit write value.


Similar Part No. - MCP465X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP465X MICROCHIP-MCP465X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
More results

Similar Description - MCP465X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
   7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP414X MICROCHIP-MCP414X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
2008
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
   7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
   7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP40D17 MICROCHIP-MCP40D17 Datasheet
2Mb / 66P
   7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
2009
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
   7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com