Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2CM-Q4H Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # K2CM-Q4H
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-Q4H Datasheet(HTML) 5 Page - Omron Electronics LLC

  K2CM-Q4H Datasheet HTML 1Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 2Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 3Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 4Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 5Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 6Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 7Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 8Page - Omron Electronics LLC K2CM-Q4H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
K2CM
5
■ Current Reverse-phase Detection Models
Terminal Arrangement
• Perform the external connections by referring to the examples given below.
• Connect the phase advancing capacitors closer to the power supply than the
current transformer as shown in the examples.
• Tighten the terminal screws to a torque of 0.98 N·m max. (The appropriate
tightening torque is 0.49 to 0.67 N·m.)
• Use of insulated solderless terminals is recommended for connection to the
Relay terminals (M3.5).
Note: 1. In principle, the K2CM must be surface mounted with the terminal
block facing downward.
2. Use M5 screws with spring washers and flat washers for mounting.
Tighten the screws to a torque of 1.77 N·m max. (The appropriate
tightening torque is 1.08 to 1.57 N·m.)
Manual Operation Low-voltage Circuit
Manual Operating Low-voltage Circuit (
Start)
Note: Connect the phase advancing capacitor on the power supply
side of the Motor Protective Relay as shown in the above
diagrams.
Manual Operation Low-voltage Circuit (High-
capacity Motor)
Automatic Operation Low-voltage Circuit
Manual Operation High-voltage Circuit
S1
C2
b2
a1 c1
S2
Output contacts
(NO and NC)
Control power
supply
RS
T
BZ
R
U
A
1
S
V
B
2
T
W
C
3
a1 c1 b2 c2 s1 s2
M
200 VAC
50/60Hz
Stop
Start
Phase
advancing
capacitor
Alarm
buzzer
Magnet
contactor
Motor protective relay
Motor
RS
T
BZ
R
U
A
1
S
V
B
2
T
W
C
3
a1 c1 b2 c2 s1 s2
M
changeover
200 VAC
50/60Hz
Stop
Start
Phase
advancing
capacitor
Alarm
buzzer
Magnet
contactor
Motor protective relay
RS
T
BZ
R
U
A
1
S
V
B
2
T
W
C
3
a1 c1 b2 c2 s1 s2
M
Current converter for
measuring device
@/5A
Motor
200 VAC
50/60Hz
Stop
Start
Phase advancing
capacitor
Alarm
buzzer
Magnet
contactor
Motor protective relay
RS
T
BZ
R
U
A
1
S
V
B
2
T
W
C
3
M
a1 c1 b2 c2 s1 s2
Automatic
contact
Motor
200 VAC
50/60Hz
Phase advancing
capacitor
Alarm
buzzer
Magnet
contactor
Motor protective relay
RS
T
X/a
BZ
R
U
A
1
S
V
B
2
T
W
C
3
M
Transformer
@/100V
a1 c1 b2 c2 s1 s2
X
3,300 VAC
50/60Hz
Auxiliary
relay
High-voltage
motor
High-tension
fuse
Current converter for
measuring device
@/5A
Stop
Start
Phase advancing
capacitor
Alarm
buzzer
High-voltage
magnet contactor
Motor protective relay


Similar Part No. - K2CM-Q4H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-Q4H OMRON-K2CM-Q4H Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
K2CM-Q4HA OMRON-K2CM-Q4HA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
More results

Similar Description - K2CM-Q4H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CMQ1L OMRON-K2CMQ1L Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com