Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4935 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS4935
Description  Dual 30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4935 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS4935 Datasheet HTML 1Page - Fairchild Semiconductor FDS4935 Datasheet HTML 2Page - Fairchild Semiconductor FDS4935 Datasheet HTML 3Page - Fairchild Semiconductor FDS4935 Datasheet HTML 4Page - Fairchild Semiconductor FDS4935 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS4935A Rev A(W)
Typical Characteristics
0
10
20
30
40
50
01
23
45
-VDS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = -10V
-4.0V
-3.0V
-3.5V
-4.5V
-6.0V
-5.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
1020
304050
-ID, DRAIN CURRENT (A)
VGS = -3.5V
-10V
-5.0V
-4.0V
-4.5V
-6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = -7A
V
GS = -10V
0
0.02
0.04
0.06
0.08
2468
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -3.5A
T
A = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
12
34
5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
V
DS = -5.0V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
T
A = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS4935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4935 FAIRCHILD-FDS4935 Datasheet
122Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDS4935A TECHPUBLIC-FDS4935A Datasheet
2Mb / 4P
   Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS4935A-NL VBSEMI-FDS4935A-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS4935BZ-NL VBSEMI-FDS4935BZ-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS4935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI6933DQ FAIRCHILD-SI6933DQ Datasheet
83Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
SI6955DQ FAIRCHILD-SI6955DQ Datasheet
164Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS9953A FAIRCHILD-FDS9953A Datasheet
73Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4935 FAIRCHILD-FDS4935 Datasheet
122Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4953 FAIRCHILD-FDS4953_02 Datasheet
97Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4953 KEXIN-KDS4953 Datasheet
62Kb / 2P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Lowpower Semiconductor ...
LPM4953 POWER-LPM4953 Datasheet
389Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com